Electronic Components Datasheet Search
  English  ▼

X  

CWR06 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CWR06
Description  Solid Tantalum Chip Capacitors MIDGET Military, MIL-PRF-55365/4 Qualified
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CWR06 Datasheet(HTML) 2 Page - Vishay Siliconix

  CWR06 Datasheet HTML 1Page - Vishay Siliconix CWR06 Datasheet HTML 2Page - Vishay Siliconix CWR06 Datasheet HTML 3Page - Vishay Siliconix CWR06 Datasheet HTML 4Page - Vishay Siliconix CWR06 Datasheet HTML 5Page - Vishay Siliconix CWR06 Datasheet HTML 6Page - Vishay Siliconix CWR06 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
134
CWR06
Vishay Sprague
Document Number 40009
Revision 16-Nov-04
For technical questions, contact tantalum@vishay.com
50 V
A
A
B
B
C
D
E
F
F
G
H
6 V
A
B
C
D
E
F
G
H
20 V
A
B
B
C
D
E
F
G
H
4 V
A
B
C
D
E
F
G
H
10 V
A
B
C
D
E
F
G
H
25 V
A
B
C
D
E
F
G
G
H
RATINGS AND CASE CODES
15 V
A
B
C
D
E
F
G
H
35 V
A
B
C
D
E
F
G
H
1.0
2.2
3.3
4.7
6.8
15
33
47
4 WVDC @ + 85
°C, SURGE = 5 V . . . 2.7 WVDC @ + 125°C, SURGE = 3.4 V
CAPACITANCE
(
µF)
+ 25
°C
+ 85
°C
Max. DCL (
µA) @
+ 85
°C
+ 125
°C
Max. DF (%) @
µF
0.10
0.15
0.22
0.33
0.47
0.68
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
68
100
STANDARD RATINGS
+ 125
°C
CASE
CODE
PART NUMBER*
8
8
8
10
12
12
12
12
12
12
12
12
12
24
36
48
6
6
6
8
8
8
10
10
8
8
8
8
10
10
12
12
10
10
10
10
10
20
30
40
1.0
1.0
1.0
1.0
1.0
2.0
3.0
4.0
CWR06C@225#*
CWR06C@475#*
CWR06C@685#*
CWR06C@106#*
CWR06C@156#*
CWR06C@336#*
CWR06C@686#*
CWR06C@107#*
A
B
C
D
E
F
G
H
2.2
4.7
6.8
10
15
33
68
100
1.5
3.3
4.7
6.8
10
22
47
68
CWR06D@155#*
CWR06D@335#*
CWR06D@475#*
CWR06D@685#*
CWR06D@106#*
CWR06D@226#*
CWR06D@476#*
CWR06D@686#*
A
B
C
D
E
F
G
H
1.0
1.0
1.0
1.0
1.0
2.0
3.0
4.0
10
10
10
10
10
20
30
40
12
12
12
12
12
24
36
48
8
8
8
8
12
12
12
12
8
8
8
8
10
10
12
12
6
6
6
6
8
8
10
10
6
6
6
6
6
8
10
10
8
8
8
8
8
8
12
12
8
8
8
8
8
10
12
12
10
10
10
10
10
20
30
50
12
12
12
12
12
24
36
60
1.0
1.0
1.0
1.0
1.0
2.0
3.0
5.0
CWR06F@105#*
CWR06F@225#*
CWR06F@335#*
CWR06F@475#*
CWR06F@685#*
CWR06F@156#*
CWR06F@336#*
CWR06F@476#*
A
B
C
D
E
F
G
H
- 55
°C
+ 25
°C
6 WVDC @ + 85
°C, SURGE = 8 V . . . 4 WVDC @ + 125°C, SURGE = 5 V
10 WVDC @ + 85
°C, SURGE = 13 V . . . 7 WVDC @ + 125°C, SURGE = 9 V
@ = Termination Finish: B = Gold (standard), H = solder Plated, C = Hot solder dipped
# = Cap.Tolerance: J = 5%, K = 10%, M = 20%.
* = Failure Rate
B, C Weibull
M, P, R, S Exponential
Max. ESR
@ + 25
°C
100kHz
(Ohms)
8.0
8.0
5.5
4.0
3.5
2.2
1.1
0.9
12.0
8.0
5.5
4.5
3.5
2.5
1.1
0.9
8.0
8.0
5.5
4.5
3.5
2.2
1.1
0.9



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com