Electronic Components Datasheet Search
  English  ▼

X  

CWR06 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # CWR06
Description  Solid Tantalum Chip Capacitors MIDGET Military, MIL-PRF-55365/4 Qualified
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CWR06 Datasheet(HTML) 5 Page - Vishay Siliconix

  CWR06 Datasheet HTML 1Page - Vishay Siliconix CWR06 Datasheet HTML 2Page - Vishay Siliconix CWR06 Datasheet HTML 3Page - Vishay Siliconix CWR06 Datasheet HTML 4Page - Vishay Siliconix CWR06 Datasheet HTML 5Page - Vishay Siliconix CWR06 Datasheet HTML 6Page - Vishay Siliconix CWR06 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.vishay.com
137
CWR06
Vishay Sprague
Document Number 40009
Revision 16-Nov-04
For technical questions, contact tantalum@vishay.com
7.1
At + 25
°C, when measured at + 25˚C ± 5˚C, the
leakage current for any capaitor shall not exceed
the maximum value listed in the Standard Ratings
Table
7.2
At + 85
°C, when measured at + 85˚C ± 5˚C, the
leakage current for any capacitor shall not exceed the
maximum value listed in the Standard Ratings Table.
7.3
At + 125
°C, when measured at + 125˚C ± 5˚C, the
leakage current for any capacitor shall not exceed the
maximum value listed in the Standard Ratings Table.
8.
Life Test: Capacitors shall be capable of withstanding
a 2000 hour life test at the + 85˚C rated DC working
voltage or a 2000 hour life test at the + 125˚C derated
working voltage.
8.1
Following the life test, the capacitors shall meet the
following requirements: the capacitance at + 25˚C
shall not have changed by more than ± 10% from the
PERFORMANCE CHARACTERISTICS (Continued)
intital value; the dissipation factor shall meet the initial
requirements; the leakage current shall not be more
than the original requirements.
9.
Reflow Soldering: It is recommended that these
capacitors be reflow soldered at a temperature of not
greater than + 250˚C for a period of not more than 30
seconds.
10.
Marking: The small body area of these capacitors
does not permit elaborate marking schemes.
Required information will be distinctly marked on the
carton or packages in which the units are shipped.
Capacitors may be ordered with color coding at
additional cost. Color coding shall be as mutually
agreed upon by Vishay Sprague® and the customer.
10.1
Polarity: The anode terminal of each capacitor is
identified by the weld and dimple projection on the
anode cap (see Dimensional Configurations).
5.
Power Dissipation: Power dissipation will be
affected by the heat sinking capability of the mounting
surface. Non-sinusoidal ripple current may produce
heating effects which differ from those shown. It
is important that the equivalent
Irms value be
established when calculating permissible operating
levels. (Power Dissipation calculated using + 25°C
temperature rise.)
Temperature
Derating Factor
+ 25°C
+ 55˚C
+ 85°C
+ 125°C
1.0
0.9
0.8
0.4
1.
A-C Ripple Current: The maximum allowable ripple
current shall be determined from the formula:
where,
P
=
Power Dissipation in Watts @ + 25°C as
given in the table in Paragraph Number 5
(Power Dissipation).
RESR = The capacitor Equivalent Series Resistance
at the specified frequency.
2.
A-C Ripple Voltage: The maximum allowable ripple
voltage shall be determined from the formula:
or, from the formula:
where,
P
=
Power Dissipation in Watts @ + 25°C
as given in the table in Paragraph Number 5
(Power Dissipation).
RESR = The capacitor Equivalent Series Resistance
at the specified frequency.
Z
= The capacitor impedance at the specified
frequency.
Irms =
P
RESR
P
RESR
Vrms = Z
GUIDE TO APPLICATION
Vrms = Irms x Z
2.1
The sum of the peak AC voltage plus the DC voltage
shall not exceed the DC voltage rating of the
capacitor.
2.2
The sum of the negative peak AC voltage plus the
applied DC voltage shall not allow a voltage
reversal exceeding 10% of the DC rating at + 25°C.
3.
Reverse Voltage: These capacitors are capable of
withstanding peak voltages in the reverse direction
equal to 10% of the DC rating at + 25°C, 5% of the
DC rating at + 85°C and 1% of the DC rating at
+125°C.
4.
Temperature Derating: If these capacitors are to be
operated at temperatures above + 25°C, the
permissible rms ripple current or voltage shall be
calculated using the derating factors as shown:



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com