Electronic Components Datasheet Search
  English  ▼

X  

CWR06 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # CWR06
Description  Solid Tantalum Chip Capacitors MIDGET Military, MIL-PRF-55365/4 Qualified
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CWR06 Datasheet(HTML) 3 Page - Vishay Siliconix

  CWR06 Datasheet HTML 1Page - Vishay Siliconix CWR06 Datasheet HTML 2Page - Vishay Siliconix CWR06 Datasheet HTML 3Page - Vishay Siliconix CWR06 Datasheet HTML 4Page - Vishay Siliconix CWR06 Datasheet HTML 5Page - Vishay Siliconix CWR06 Datasheet HTML 6Page - Vishay Siliconix CWR06 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.vishay.com
135
CWR06
Vishay Sprague
Document Number 40009
Revision 16-Nov-04
For technical questions, contact tantalum@vishay.com
- 55
°C
+ 85
°C
+ 125
°C
+ 85
°C
STANDARD RATINGS
Max. DF (%) @
+ 125
°C
+ 25
°C
+ 25
°C
Max. DCL (
µA) @
PART NUMBER*
CASE
CODE
CAPACITANCE
(
µF)
0.47
0.68
1.0
1.5
2.2
3.3
6.8
15
22
0.33
0.68
1.0
1.5
2.2
4.7
6.8
10
15
0.22
0.47
0.68
1.0
1.5
3.3
4.7
6.8
0.10
0.15
0.22
0.33
0.47
0.68
1.0
1.5
2.2
3.3
4.7
6
6
6
6
6
6
6
6
6
8
8
8
8
8
8
8
8
8
1.0
1.0
1.0
1.0
1.0
1.0
2.0
3.0
4.0
10
10
10
10
10
10
20
30
40
12
12
12
12
12
12
24
36
48
A
B
B
C
D
E
F
G
H
CWR06J@474#*
CWR06J@684#*
CWR06J@105#*
CWR06J@155#*
CWR06J@225#*
CWR06J@335#*
CWR06J@685#*
CWR06J@156#*
CWR06J@226#*
A
A
B
B
C
D
E
F
F
G
H
CWR06N@104#*
CWR06N@154#*
CWR06N@224#*
CWR06N@334#*
CWR06N@474#*
CWR06N@684#*
CWR06N@105#*
CWR06N@155#*
CWR06N@225#*
CWR06N@335#*
CWR06N@475#*
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
2.0
3.0
10
10
10
10
10
10
10
10
20
20
30
12
12
12
12
12
12
12
12
24
24
36
6
6
6
6
6
6
6
6
6
6
6
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
A
B
C
D
E
F
G
G
H
CWR06K@334#*
CWR06K@684#*
CWR06K@105#*
CWR06K@155#*
CWR06K@225#*
CWR06K@475#*
CWR06K@685#*
CWR06K@106#*
CWR06K@156#*
1.0
1.0
1.0
1.0
1.0
2.0
2.0
3.0
4.0
12
12
12
12
12
24
24
36
48
6
6
6
6
6
6
6
6
6
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
10
10
10
10
10
20
20
30
40
A
B
C
D
E
F
G
H
CWR06M@224#*
CWR06M@474#*
CWR06M@684#*
CWR06M@105#*
CWR06M@155#*
CWR06M@335#*
CWR06M@475#*
CWR06M@685#*
12
12
12
12
12
12
24
36
10
10
10
10
10
10
20
30
1.0
1.0
1.0
1.0
1.0
1.0
2.0
3.0
6
6
6
6
6
6
6
6
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
50 WVDC @ + 85
°C, SURGE = 65 V . . . 33 WVDC @ + 125°C, SURGE = 38 V
35 WVDC @ + 85
°C, SURGE = 46 V . . . 23 WVDC @ + 125°C, SURGE = 28 V
20 WVDC @ + 85
°C, SURGE = 26 V . . . 13 WVDC @ + 125°C, SURGE = 16 V
0.68
1.5
2.2
3.3
4.7
10
22
33
15 WVDC @ + 85
°C, SURGE = 20 V . . . 10 WVDC @ + 125°C, SURGE = 12 V
25 WVDC @ + 85
°C, SURGE = 32 V . . . 17 WVDC @ + 125°C, SURGE = 20 V
A
B
C
D
E
F
G
H
CWR06H@684#*
CWR06H@155#*
CWR06H@225#*
CWR06H@335#*
CWR06H@475#*
CWR06H@106#*
CWR06H@226#*
CWR06H@336#*
10
10
10
10
10
20
40
50
1.0
1.0
1.0
1.0
1.0
2.0
4.0
5.0
6
6
6
6
6
6
8
8
12
12
12
12
12
24
48
60
8
8
8
8
8
8
8
8
8
8
8
8
8
8
10
10
8
8
8
8
8
8
8
8
8
@ = Termination Finish: B = Gold (standard), H = solder Plated, C = Hot solder dipped
# = Cap.Tolerance: J = 5%, K = 10%, M = 20%.
* = Failure Rate
B, C Weibull
M, P, R, S Exponential
Max. ESR
@ + 25
°C
100kHz
(Ohms)
12.0
8.0
5.5
5.0
4.0
2.5
1.1
0.9
16.0
14.0
12.0
6.0
5.0
4.0
2.4
1.1
0.9
15.0
10.0
6.5
6.5
3.5
2.5
1.2
1.4
1.0
24.0
17.0
10.0
6.5
4.5
2.5
1.5
1.3
75.0
25.0
17.0
12.0
8.0
7.0
6.0
4.0
2.5
2.0
1.5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com