Electronic Components Datasheet Search
  English  ▼

X  

LTC2913 Datasheet(PDF) 7 Page - Linear Integrated Systems

Part # LTC2913
Description  Surge Stopper
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC2913 Datasheet(HTML) 7 Page - Linear Integrated Systems

Back Button LTC2913 Datasheet HTML 3Page - Linear Integrated Systems LTC2913 Datasheet HTML 4Page - Linear Integrated Systems LTC2913 Datasheet HTML 5Page - Linear Integrated Systems LTC2913 Datasheet HTML 6Page - Linear Integrated Systems LTC2913 Datasheet HTML 7Page - Linear Integrated Systems LTC2913 Datasheet HTML 8Page - Linear Integrated Systems LTC2913 Datasheet HTML 9Page - Linear Integrated Systems LTC2913 Datasheet HTML 10Page - Linear Integrated Systems LTC2913 Datasheet HTML 11Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LT4356-1/LT4356-2
7
4356fa
Overcurrent TMR Current vs
(VCC – VOUT)
Warning Period
TMR Current vs VCC
TMR Pull-Down Current vs
Temperature
Output Low Voltage vs Current
Overvoltage Turn-Off Time vs
Temperature
Overcurrent Turn-Off Time vs
Temperature
VCC – VOUT (V)
0
0
40
80
120
160
20
40
60
80
4356 G13
200
280
240
10
30
50
70
OVERCURRENT CONDITION
VOUT = 0V
VTMR = 1V
VCC (V)
0
20406080
4356 G14
10
30
50
70
0
4
2
6
8
10
12
14
OVERVOLTAGE, EARLY
WARNING PERIOD
VFB = 1.5V
VTMR = 1.3V
TEMPERATURE (°C)
–50
0
0
50
100
125
4356 G15
3.0
2.5
2.0
1.5
1.0
0.5
–25
25
75
VTMR = 1V
CURRENT (mA)
0
0
1.0
2.0
3.0
0.5
1.5
2.5
3.5
2.0
3.0
4356 G16
4.0
1.0
0.5
2.5
1.5
AOUT
EN
FLT
TEMPERATURE (°C)
–50
0
100
0
50
100
125
4356 G17
500
400
300
200
–25
25
75
OVERVOLTAGE CONDITION
VFB = 1.5V
TEMPERATURE (°C)
–50
1.0
1.5
0
50
100
125
4356 G18
4.0
3.5
3.0
2.5
2.0
–25
25
75
OVERCURRENT CONDITION
ΔVSNS = 120mV
TYPICAL PERFORMANCE CHARACTERISTICS
Specifications are at VCC = 12V, TA = 25°C unless otherwise noted.
VCC (V)
0
–10
–15
–80
4356 G19
–5
0
–20
–40
–60
–20
VCC = SNS
Reverse Current vs Reverse
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com