Electronic Components Datasheet Search
  English  ▼

X  

LTC2913 Datasheet(PDF) 17 Page - Linear Integrated Systems

Part # LTC2913
Description  Surge Stopper
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC2913 Datasheet(HTML) 17 Page - Linear Integrated Systems

Back Button LTC2913 Datasheet HTML 13Page - Linear Integrated Systems LTC2913 Datasheet HTML 14Page - Linear Integrated Systems LTC2913 Datasheet HTML 15Page - Linear Integrated Systems LTC2913 Datasheet HTML 16Page - Linear Integrated Systems LTC2913 Datasheet HTML 17Page - Linear Integrated Systems LTC2913 Datasheet HTML 18Page - Linear Integrated Systems LTC2913 Datasheet HTML 19Page - Linear Integrated Systems LTC2913 Datasheet HTML 20Page - Linear Integrated Systems LTC2913 Datasheet HTML 21Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
LT4356-1/LT4356-2
17
4356fa
Layout Considerations
To achieve accurate current sensing, Kelvin connection
to the current sense resistor (RSNS in Figure 9) is recom-
mended. The minimum trace width for 1oz copper foil is
0.02" per amp to ensure the trace stays at a reasonable
temperature. 0.03" per amp or wider is recommended.
Note that 1oz copper exhibits a sheet resistance of about
530μ
Ω/square.Smallresistancescancauselargeerrorsin
high current applications. Noise immunity will be improved
significantly by locating resistive dividers close to the pins
with short VCC and GND traces.
Design Example
As a design example, take an application with the follow-
ing specifications: VCC = 8V to 14V DC with transient up
to 80V, VOUT ≤ 16V, current limit (ILIM) at 5A, low battery
detection at 6V, and 1ms of overvoltage early warning
(Figure 9).
First, calculate the resistive divider value to limit VOUT to
16V during an overvoltage event:
VREG =
1.25V • R1 + R2
()
R2
= 16V
Set the current through R1 and R2 during the overvoltage
condition to 250μA.
R2 =
1.25V
250μA
= 5k
Choose 4.99k for R2.
R1 =
16V – 1.25V
() • R2
1.25V
= 58.88k
The closest standard value for R1 is 59k.
Next calculate the sense resistor, RSNS, value:
RSNS =
50mV
ILIM
=
50mV
5A
= 10m
Ω
CTMR is then chosen for 1ms of early warning time:
CTMR =
1ms • 5μA
100mV
= 50nF
The closest standard value for CTMR is 47nF.
Finally, calculate R4 and R5 for the 6V low battery threshold
detection:
6V =
1.25V • R4 + R5
()
R5
Choose 100k for R5.
R4 =
6V – 1.25V
() • R5
1.25V
= 380k
Select 383k for R4.
The pass transistor, Q1, should be chosen to withstand
the output short condition with VCC = 14V.
The total overcurrent fault time is:
tOC =
47nF • 0.85V
45.5μA
= 0.878ms
The power dissipation on Q1 equals to:
P =
14V • 50mV
10m
Ω
= 70W
These conditions are well within the Safe Operating Area
of IRLR2908.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com