Electronic Components Datasheet Search
  English  ▼

X  

LTC2913 Datasheet(PDF) 18 Page - Linear Integrated Systems

Part # LTC2913
Description  Surge Stopper
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC2913 Datasheet(HTML) 18 Page - Linear Integrated Systems

Back Button LTC2913 Datasheet HTML 14Page - Linear Integrated Systems LTC2913 Datasheet HTML 15Page - Linear Integrated Systems LTC2913 Datasheet HTML 16Page - Linear Integrated Systems LTC2913 Datasheet HTML 17Page - Linear Integrated Systems LTC2913 Datasheet HTML 18Page - Linear Integrated Systems LTC2913 Datasheet HTML 19Page - Linear Integrated Systems LTC2913 Datasheet HTML 20Page - Linear Integrated Systems LTC2913 Datasheet HTML 21Page - Linear Integrated Systems LTC2913 Datasheet HTML 22Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
LT4356-1/LT4356-2
18
4356fa
Wide Input Range 5V to 28V Hot Swap
with Undervoltage Lockout
CTMR
1μF
R3
10Ω
RSNS
20mΩ
Q1
SUD50N03-10
VIN
4356 TA02
LT4356DE-1
GND
TMR
OUT
GATE
SNS
IN+
SHDN
AOUT
VOUT
EN
FLT
FB
VCC
R7
49.9k
R6
118k
100μF
C1
47nF
TYPICAL APPLICATIONS
24V Overvoltage Regulator Withstands 150V at VIN
CTMR
0.1μF
Q1
IRF640
VIN
24V
VOUT
CLAMPED AT 32V
4356 TA03
LT4356DE
GND
TMR
10
1
OUT
SNS
3
5
SHDN
7
FLT
8
EN
9
VCC
6
FB
2
D2*
SMAT70A
R2
4.99k
R1
118k
GATE
4
R3
10Ω
R9
1k
1W
*DIODES INC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com