Electronic Components Datasheet Search
  English  ▼

X  

LTC2913 Datasheet(PDF) 11 Page - Linear Integrated Systems

Part # LTC2913
Description  Surge Stopper
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC2913 Datasheet(HTML) 11 Page - Linear Integrated Systems

Back Button LTC2913 Datasheet HTML 7Page - Linear Integrated Systems LTC2913 Datasheet HTML 8Page - Linear Integrated Systems LTC2913 Datasheet HTML 9Page - Linear Integrated Systems LTC2913 Datasheet HTML 10Page - Linear Integrated Systems LTC2913 Datasheet HTML 11Page - Linear Integrated Systems LTC2913 Datasheet HTML 12Page - Linear Integrated Systems LTC2913 Datasheet HTML 13Page - Linear Integrated Systems LTC2913 Datasheet HTML 14Page - Linear Integrated Systems LTC2913 Datasheet HTML 15Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
LT4356-1/LT4356-2
11
4356fa
The LT4356 can limit the voltage and current to the load
circuitry during supply transients or overcurrent events.
The total fault timer period should be set to ride through
short overvoltage transients while not causing damage
to the pass transistor. The selection of this N-channel
MOSFET pass transistor is critical for this application.
It must stay on and provide a low impedance path from
the input supply to the load during normal operation and
then dissipate power during overvoltage or overcurrent
conditions.
The following sections describe the overcurrent and the
overvoltage faults, and the selection of the timer capacitor
value based on the required warning time. The selection
of the N-channel MOSFET pass transistor is discussed
next. Auxiliary amplifier, reverse input, and the shutdown
functions are covered after the MOSFET selection. External
component selection is discussed in detail in the Design
Example section.
Overvoltage Fault
The LTC4356 limits the voltage at the OUT pin during an
overvoltage situation. An internal voltage amplifier regu-
lates the GATE pin voltage to maintain a 1.25V threshold at
the FB pin. During this period of time, the power MOSFET
is still on and continues to supply current to the load. This
allows uninterrupted operation during short overvoltage
transient events.
When the voltage regulation loop is engaged for longer
than the time-out period, set by the timer capacitor con-
nected from the TMR pin to ground, an overvoltage fault is
detected. The GATE pin is pulled down to the OUT pin by a
150mA current. After the fault condition has disappeared
and a cool down period has transpired, the GATE pin starts
to pull high again. This prevents the power MOSFET from
being damaged during a long period of overvoltage, such
as during load dump in automobiles.
Overcurrent Fault
The LT4356 features an adjustable current limit that
protects against short circuits or excessive load current.
During an overcurrent event, the GATE pin is regulated to
limit the current sense voltage across the VCC and SNS
pins to 50mV.
An overcurrent fault occurs when the current limit circuitry
has been engaged for longer than the time-out delay set
by the timer capacitor. The GATE pin is then immediately
pulled low by a 10mA current to GND turning off the
MOSFET. After the fault condition has disappeared and a
cool down period has transpired, the GATE pin is allowed
to pull back up and turn on the pass transistor.
Fault Timer
The LT4356 includes an adjustable fault timer pin. Con-
necting a capacitor from the TMR pin to ground sets the
delay timer period before the MOSFET is turned off. The
same capacitor also sets the cool down period before the
MOSFET is allowed to turn back on after the fault condition
has disappeared.
Once a fault condition, either overvoltage or overcurrent,
is detected, a current source charges up the TMR pin. The
current level varies depending on the voltage drop across
the drain and source terminals of the power MOSFET(VDS),
which is typically from the VCC pin to the OUT pin. This
scheme takes better advantage of the available Safe
Operating Area (SOA) of the MOSFET than would a fixed
timer current. The timer function operates down to VCC =
5V across the whole temperature range.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com