Electronic Components Datasheet Search
  English  ▼

X  

LTC2913 Datasheet(PDF) 20 Page - Linear Integrated Systems

Part # LTC2913
Description  Surge Stopper
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC2913 Datasheet(HTML) 20 Page - Linear Integrated Systems

Back Button LTC2913 Datasheet HTML 16Page - Linear Integrated Systems LTC2913 Datasheet HTML 17Page - Linear Integrated Systems LTC2913 Datasheet HTML 18Page - Linear Integrated Systems LTC2913 Datasheet HTML 19Page - Linear Integrated Systems LTC2913 Datasheet HTML 20Page - Linear Integrated Systems LTC2913 Datasheet HTML 21Page - Linear Integrated Systems LTC2913 Datasheet HTML 22Page - Linear Integrated Systems LTC2913 Datasheet HTML 23Page - Linear Integrated Systems LTC2913 Datasheet HTML 24Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
LT4356-1/LT4356-2
20
4356fa
TYPICAL APPLICATIONS
2.5A, 48V Hot Swap with Overvoltage Output Regulation at 72V and UV Shutdown at 35V
D1
1N4714
BV = 33V
C1
6.8nF
CTMR
0.1μF
R3
10Ω
RSNS
15mΩ
VOUT
48V
2.5A
4356 TA06
LT4356DE
GND
TMR
10
1
OUT
GATE
SNS
VCC
3
4
5
6
SHDN
EN
FLT
7
9
8
AOUT
PWRGD
FB
IN+
11
2
12
R7
1M
CL
300μF
R5
4.02k
R4
140k
R6
100k
R8
47k
R2
4.02k
R1
226k
Q1
FDB3632
D2*
SMAT70A
VIN
48V
*DIODES INC.
2.5A, 28V Hot Swap with Overvoltage Output Regulation at 36V and UV Shutdown at 15V
D1
1N4700
BV = 13V
C1
6.8nF
CTMR
0.1μF
R3
10Ω
RSNS
15mΩ
VOUT
28V
2.5A
4356 TA07
LT4356DE
GND
TMR
10
1
OUT
GATE
SNS
VCC
3
4
5
6
SHDN
EN
FLT
7
9
8
AOUT
PWRGD
FB
IN+
11
2
12
R7
1M
CL
300μF
R5
4.02k
R4
113k
R6
27k
R8
47k
R2
4.02k
R1
110k
Q1
FDB3632
D2*
SMAT70A
*DIODES INC.
VIN
28V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com