Electronic Components Datasheet Search
  English  ▼

X  

LPC47N267 Datasheet(PDF) 3 Page - SMSC Corporation

Part # LPC47N267
Description  100 Pin LPC Notebook I/O with X-Bus Interface
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47N267 Datasheet(HTML) 3 Page - SMSC Corporation

  LPC47N267 Datasheet HTML 1Page - SMSC Corporation LPC47N267 Datasheet HTML 2Page - SMSC Corporation LPC47N267 Datasheet HTML 3Page - SMSC Corporation LPC47N267 Datasheet HTML 4Page - SMSC Corporation LPC47N267 Datasheet HTML 5Page - SMSC Corporation LPC47N267 Datasheet HTML 6Page - SMSC Corporation LPC47N267 Datasheet HTML 7Page - SMSC Corporation LPC47N267 Datasheet HTML 8Page - SMSC Corporation LPC47N267 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 180 page
background image
SMSC DS – LPC47N267
Page 3
Rev. 10/23/2000
GENERAL DESCRIPTION
The SMSC LPC47N267 is a 3.3V PC 99 and ACPI 1.0 compliant Super I/O Controller. The LPC47N267 implements
an LPC interface, a pin reduced ISA interface, for supported I/O and DMA cycles. In addition, this part includes an X-
Bus interface that may be accessed through the LPC interface for supported I/O cycles (memory cycles are not
supported by this device). The X-Bus interface supports as many as four external components and it offers three
different modes of operation for interfacing with these components. The X-Bus interface has an added “Write
Protect” feature that ensures that the Base Address and disable bit for each component can only be set by the BIOS
to prevent corruption by any virus software. This part also includes 29 GPIO pins.
The LPC47N267 incorporates SMSC’s true CMOS 765B floppy disk controller, advanced digital data separator, 16-
byte data FIFO, two 16C550 compatible UARTs, one Multi-Mode parallel port with ChiProtect circuitry plus EPP and
ECP support and one floppy direct drive support. The LPC47N267 does not require any external filter components, is
easy to use and offers lower system cost and reduced board area. The LPC47N267 is software and register
compatible with SMSC’s proprietary 82077AA core.
The true CMOS 765B core provides 100% compatibility with IBM PC/XT and PC/AT architectures and provides data
overflow and underflow protection. The SMSC advanced digital data separator incorporates SMSC’s patented data
separator technology allowing for ease of testing and use. The LPC47N267 supports both 1Mbps and 2Mbps data
rates and vertical recording operation at 1Mbps Data Rate.
The LPC47N267 also features a full 16-bit internally decoded address bus, a Serial IRQ interface with PCI nCLKRUN
support, relocatable configuration ports and three DMA channel options.
Both on-chip UARTs are compatible with the NS16C550. One UART includes additional support for a Serial Infrared
Interface that complies with IrDA v1.2 (Fast IR), HPSIR, and ASKIR formats (used by Sharp and other PDAs), as well
as Consumer IR.
The parallel port is compatible with IBM PC/AT architectures, as well as IEEE 1284 EPP and ECP. The parallel port
ChiProtect circuitry prevents damage caused by an attached powered printer when the LPC47N267 is not powered.
The LPC47N267 incorporates sophisticated power control circuitry (PCC). The PCC supports multiple low power
down modes. The LPC47N267 also features Software Configurable Logic (SCL) for ease of use. SCL allows
programmable system configuration of key functions such as the FDC, parallel port, and UARTs.
The LPC47N267 supports the ISA Plug-and-Play Standard (Version 1.0a) and provides the recommended
functionaity to support Windows ‘95/’98 and PC99. The I/O Address, DMA Channel and Hardware IRQ of each
device in the LPC47N267 may be reprogrammed through the internal configuration registers. There are 192 I/O
address location options, a Serialized IRQ interface, and three DMA channels.
ORDERING INFORMATION
Order Number: LPC47N267-MN
for 100 pin STQFP Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com