Electronic Components Datasheet Search
  English  ▼

X  

LPC47N267 Datasheet(PDF) 45 Page - SMSC Corporation

Part # LPC47N267
Description  100 Pin LPC Notebook I/O with X-Bus Interface
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47N267 Datasheet(HTML) 45 Page - SMSC Corporation

Back Button LPC47N267 Datasheet HTML 41Page - SMSC Corporation LPC47N267 Datasheet HTML 42Page - SMSC Corporation LPC47N267 Datasheet HTML 43Page - SMSC Corporation LPC47N267 Datasheet HTML 44Page - SMSC Corporation LPC47N267 Datasheet HTML 45Page - SMSC Corporation LPC47N267 Datasheet HTML 46Page - SMSC Corporation LPC47N267 Datasheet HTML 47Page - SMSC Corporation LPC47N267 Datasheet HTML 48Page - SMSC Corporation LPC47N267 Datasheet HTML 49Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 180 page
background image
SMSC DS – LPC47N267
Page 45
Rev. 10/23/2000
DUMPREG
PHASE
R/W
DATA BUS
REMARKS
D7
D6
D5
D4
D3
D2
D1
D0
Command
W
0
0
0
0
1
1
1
0
*Note:
Registers
placed in
FIFO
Execution
Result
R
────── PCN-Drive 0 ───────
R
────── PCN-Drive 1 ───────
R
────── PCN-Drive 2 ───────
R
────── PCN-Drive 3 ───────
R
──── SRT ────
─── HUT ───
R
─────── HLT ───────
ND
R
─────── SC/EOT ───────
R
LOCK
0
D3
D2
D1
D0
GAP
WGATE
R
0
EIS EFIFO
POLL
── FIFOTHR ──
R
──────── PRETRK ────────
READ ID
PHASE
R/W
DATA BUS
REMARKS
D7
D6
D5
D4
D3
D2
D1
D0
Command
W
0
MFM
0
0
1
0
1
0
Commands
W
0
0
0
0
0
HDS
DS1
DS0
Execution
The first correct ID
information on the
Cylinder is stored in
Data Register
Result
R
──────── ST0 ────────
Status information after
Command execution.
Disk status after the
Command has
completed
R
──────── ST1 ────────
R
──────── ST2 ────────
R
──────── C ────────
R
──────── H ────────
R
──────── R ────────
R
──────── N ────────



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com