Electronic Components Datasheet Search
  English  ▼

X  

LPC47N267 Datasheet(PDF) 72 Page - SMSC Corporation

Part # LPC47N267
Description  100 Pin LPC Notebook I/O with X-Bus Interface
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47N267 Datasheet(HTML) 72 Page - SMSC Corporation

Back Button LPC47N267 Datasheet HTML 68Page - SMSC Corporation LPC47N267 Datasheet HTML 69Page - SMSC Corporation LPC47N267 Datasheet HTML 70Page - SMSC Corporation LPC47N267 Datasheet HTML 71Page - SMSC Corporation LPC47N267 Datasheet HTML 72Page - SMSC Corporation LPC47N267 Datasheet HTML 73Page - SMSC Corporation LPC47N267 Datasheet HTML 74Page - SMSC Corporation LPC47N267 Datasheet HTML 75Page - SMSC Corporation LPC47N267 Datasheet HTML 76Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 180 page
background image
SMSC DS – LPC47N267
Page 72
Rev. 10/23/2000
10.5 IR Transmit Pins
The TXD2 and IRTX2 pins default to output, low on VCC POR and hard reset. These pins are not powered by VTR.
These pins function as described below.
Following a VCC POR, the TXD2 and IRTX2 pins will be output and low. They will remain low until one of the
following conditions are met.
IRTX2 Pin (CR0A bits [7:6]=01):
This pin will remain low following a VCC POR until serial port 2 is enabled by setting the UART2 power down bit
(CR02, bit 7), at which time the pin will reflect the state of the IR transmit output of the IRCC block (if IR is enabled
through the IR Option Register for Serial Port 2).
TXD2 Pin (CR0A bits [7:6]=00):
1)
This pin will remain low following a VCC POR until serial port 2 is enabled by setting the UART2 power down bit
(CR02, bit 7), at which time the pin will reflect the state of the transmit output of serial port 2 (if COM is enabled
through CR0C Register for Serial Port 2).
2)
This pin will remain low following a VCC POR until serial port 2 is enabled by setting the UART2 power down bit
(CR02, bit 7), at which time the pin will reflect the state of the IR transmit output of the IRCC block (if IR is
enabled through the CR0C Register for Serial Port 2).
The IRTX2 and TXD2 pins will be driven low whenever serial port 2 is disabled (UART2 power down bit is cleared).
Note that bits[7,6] of CR0A can be used to override this functionality of driving the IRTX2 and TXD2 pins low when
UART2 is powered down. If these bits are set to ‘11’, then the IRTX (TXD2) and IRTX2 pins are high-z.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com