Electronic Components Datasheet Search
  English  ▼

X  

LPC47N267 Datasheet(PDF) 88 Page - SMSC Corporation

Part # LPC47N267
Description  100 Pin LPC Notebook I/O with X-Bus Interface
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47N267 Datasheet(HTML) 88 Page - SMSC Corporation

Back Button LPC47N267 Datasheet HTML 84Page - SMSC Corporation LPC47N267 Datasheet HTML 85Page - SMSC Corporation LPC47N267 Datasheet HTML 86Page - SMSC Corporation LPC47N267 Datasheet HTML 87Page - SMSC Corporation LPC47N267 Datasheet HTML 88Page - SMSC Corporation LPC47N267 Datasheet HTML 89Page - SMSC Corporation LPC47N267 Datasheet HTML 90Page - SMSC Corporation LPC47N267 Datasheet HTML 91Page - SMSC Corporation LPC47N267 Datasheet HTML 92Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 180 page
background image
SMSC DS – LPC47N267
Page 88
Rev. 10/23/2000
Programmed I/O - Transfers from the Host to the FIFO
In the forward direction an interrupt occurs when serviceIntr is 0 and there are writeIntrThreshold or more bytes free in
the FIFO. At this time if the FIFO is empty it can be filled with a single burst before the empty bit needs to be re-read.
Otherwise it may be filled with writeIntrThreshold bytes.
writeIntrThreshold =
(16-<threshold>) free bytes in FIFO
An interrupt is generated when serviceIntr is 0 and the number of bytes in the FIFO is less than or equal to <threshold>.
(If the threshold = 12, then the interrupt is set whenever there are 12 or less bytes of data in the FIFO.) The host must
respond to the request by writing data to the FIFO. If at this time the FIFO is empty, it can be completely filled in a single
burst, otherwise a minimum of (16-<threshold>) bytes may be written to the FIFO in a single burst. This process is
repeated until the last byte is transferred into the FIFO.
11.7 Parallel Port Floppy Disk Controller
The Floppy Disk Control signals are available optionally on the parallel port pins. When this mode is selected, the
parallel port is not available. There are two modes of operation, PPFD1 and PPFD2. These modes can be selected
in the Parallel and Serial Extended Setup Register (CR04). PPFD1 has only drive 1 on the parallel port pins; PPFD2
has drive 0 and 1 on the parallel port pins. See the Configuration section for description of the register. The
FDC_PP pin can be used to switch the parallel port pins between the FDC and the parallel port functions. See the
following sub-section.
The following parallel port pins are read as follows by a read of the parallel port register:
1)
Data Register (read) = last Data Register (write)
2)
Control Register read as "cable not connected" STROBE, AUTOFD and SLC = 0 and nINIT =1
3)
Status Register reads: nBUSY = 0, PE = 0, SLCT = 0, nACK = 1, nERR = 1
The following FDC pins are all in the high impedence state when the PPFDC is actually selected by the drive select
register:
1)
nWDATA, DENSEL, nHDSEL, nWGATE, nDIR, nSTEP, nDS1, nDS0, nMTR0, nMTR1.
2)
If PPFDx is selected, then the parallel port can not be used as a parallel port until "Normal" mode is selected.
The FDC signals are muxed onto the Parallel Port pins as shown in Table 43.
For ACPI compliance the FDD pins that are multiplexed onto the Parallel Port function independently of the state of
the Parallel Port controller. For example, if the FDC is enabled onto the Parallel Port the multiplexed FDD interface
functions normally regardless of the Parallel Port Power control, CR01.2.
Table 42 illustrates this functionality.
Table 42 - Modified Parallel Port FDD Control
PARALLEL PORT
POWER
PARALLEL PORT FDC
CONTROL
PARALLEL PORT
FDC STATE
PARALLEL PORT
STATE
CR01.2
CR04.3
CR04.2
1
0
0
OFF
ON
0
0
0
OFF
OFF
X
1
X
ON
OFF
X
1
(NOTE
1)
Note
1: The Parallel Port Control register reads as “Cable Not Connected” when the Parallel Port FDC is enabled;
i.e., STROBE = AUTOFD = SLC = 0 and nINIT = 1.
Table 43 – FDC Parallel Port Pins
CONNECTOR
PIN #
QFP
CHIP PIN #
SPP MODE
PIN
DIRECTION
FDC MODE
PIN
DIRECTION
1
83
nSTROBE
I/O
(nDS0)
I/(O) Note1
2
68
PD0
I/O
nINDEX
I
3
69
PD1
I/O
nTRK0
I
4
70
PD2
I/O
nWP
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com