Electronic Components Datasheet Search
  English  ▼

X  

ADM7151 Datasheet(PDF) 4 Page - Analog Devices

Part # ADM7151
Description  High PSRR, RF Linear Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7151 Datasheet(HTML) 4 Page - Analog Devices

  ADM7151 Datasheet HTML 1Page - Analog Devices ADM7151 Datasheet HTML 2Page - Analog Devices ADM7151 Datasheet HTML 3Page - Analog Devices ADM7151 Datasheet HTML 4Page - Analog Devices ADM7151 Datasheet HTML 5Page - Analog Devices ADM7151 Datasheet HTML 6Page - Analog Devices ADM7151 Datasheet HTML 7Page - Analog Devices ADM7151 Datasheet HTML 8Page - Analog Devices ADM7151 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Data Sheet
ADP7158
Rev. A | Page 3 of 22
SPECIFICATIONS
VIN = VOUT + 0.5 V or 2.3 V, whichever is greater; VEN = VIN; ILOAD = 10 mA; CIN = COUT = 10 µF; CREG = CREF = CBYP = 1 µF;
TA = 25°C for typical specifications; TA = −40°C to +125°C for minimum/maximum specifications, unless otherwise noted.
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT VOLTAGE RANGE
VIN
2.3
5.5
V
LOAD CURRENT
ILOAD
2
A
OPERATING SUPPLY CURRENT
IGND
ILOAD = 0 µA
4.0
8.0
mA
ILOAD = 2 A
9.0
14.0
mA
SHUTDOWN CURRENT
IIN_SD
EN = GND
0.2
4
µA
NOISE1
VOUT = 1.2 V to 3.3 V
Output Noise
OUTNOISE
10 Hz to 100 kHz
1.6
µV rms
100 Hz to 100 kHz
0.9
µV rms
Noise Spectral Density
OUTNSD
10 kHz to 1 MHz
1.7
nV/√Hz
POWER SUPPLY REJECTION RATIO1
PSRR
1 kHz to 100 kHz, VIN = 4.0 V, VOUT = 3.3 V,
ILOAD = 2 A
70
dB
1 MHz, VIN = 4.0 V, VOUT = 3.3 V, ILOAD = 2 A
50
dB
1 kHz to 100 kHz, VIN = 2.6 V, VOUT = 1.8 V,
ILOAD = 2 A
70
dB
1 MHz, VIN = 2.6 V, VOUT = 1.8 V, ILOAD = 2 A
50
dB
OUTPUT VOLTAGE ACCURACY
Output Voltage2
VOUT
1.2
3.3
V
Initial Accuracy
ILOAD = 10 mA, TA = 25°C
−0.6
+0.6
%
10 mA < ILOAD < 2 A, TA = 25°C
−1.0
+1.0
%
10 mA < ILOAD < 2 A, TA = −40°C to +125°C
−1.5
+1.5
%
REGULATION
Line
∆VOUT/∆VIN
VIN = VOUT + 0.5 V or 2.3 V, whichever is greater
to 5.5 V
−0.1
+0.1
%/V
Load3
∆VOUT/∆IOUT
IOUT = 10 mA to 2 A
0.3
%/A
CURRENT-LIMIT THRESHOLD4
ILIMIT
REF
22
mA
VOUT
2.4
3
3.8
A
DROPOUT VOLTAGE5
VDROPOUT
IOUT = 1.2 A, VOUT = 3.3 V
120
170
mV
IOUT = 2 A, VOUT = 3.3 V
200
280
mV
PULL-DOWN RESISTANCE
EN = 0 V, VIN = 5.5 V
VOUT
VOUT_PULL
VOUT = 1 V,
650
Ω
VREG
VREG_PULL
VREG = 1 V
31
kΩ
REF
VREF_PULL
VREF = 1 V
850
Ω
BYP
VBYP_PULL
VBYP = 1 V
650
Ω
START-UP TIME1, 6
VOUT = 3.3 V
VOUT
tSTART-UP
1.2
ms
VREG
tREG_START-UP
0.6
ms
REF
tREF_START-UP
0.5
ms
THERMAL SHUTDOWN1
Threshold
TSSD
TJ rising
150
°C
Hysteresis
TSSD_HYS
15
°C
UNDERVOLTAGE THRESHOLDS
Input Voltage
Rising
UVLORISE
2.22
2.29
V
Falling
UVLOFALL
1.95
2.02
V
Hysteresis
UVLOHYS
200
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com