Electronic Components Datasheet Search
  English  ▼

X  

ADM7151 Datasheet(PDF) 23 Page - Analog Devices

Part # ADM7151
Description  High PSRR, RF Linear Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7151 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADM7151 Datasheet HTML 15Page - Analog Devices ADM7151 Datasheet HTML 16Page - Analog Devices ADM7151 Datasheet HTML 17Page - Analog Devices ADM7151 Datasheet HTML 18Page - Analog Devices ADM7151 Datasheet HTML 19Page - Analog Devices ADM7151 Datasheet HTML 20Page - Analog Devices ADM7151 Datasheet HTML 21Page - Analog Devices ADM7151 Datasheet HTML 22Page - Analog Devices ADM7151 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
ADP7158
Data Sheet
Rev. A | Page 22 of 22
ORDERING GUIDE
Model1, 2
Temperature Range
Output Voltage (V)
Package Description
Package Option
Branding
ADP7158ACPZ-1.2-R7
−40°C to +125°C
1.2
10-Lead LFCSP
CP-10-9
LSL
ADP7158ACPZ-1.8-R7
−40°C to +125°C
1.8
10-Lead LFCSP
CP-10-9
LSM
ADP7158ACPZ-2.0-R7
−40°C to +125°C
2.0
10-Lead LFCSP
CP-10-9
LTR
ADP7158ACPZ-2.5-R7
−40°C to +125°C
2.5
10-Lead LFCSP
CP-10-9
LSN
ADP7158ACPZ-2.8-R7
−40°C to +125°C
2.8
10-Lead LFCSP
CP-10-9
LSP
ADP7158ACPZ-3.0-R7
−40°C to +125°C
3.0
10-Lead LFCSP
CP-10-9
LSQ
ADP7158ACPZ-3.3-R7
−40°C to +125°C
3.3
10-Lead LFCSP
CP-10-9
LSR
ADP7158ARDZ-1.2-R7
−40°C to +125°C
1.2
8-Lead SOIC_N_EP
RD-8-1
ADP7158ARDZ-1.8-R7
−40°C to +125°C
1.8
8-Lead SOIC_N_EP
RD-8-1
ADP7158ARDZ-2.0-R7
−40°C to +125°C
2.0
8-Lead SOIC_N_EP
RD-8-1
ADP7158ARDZ-2.5-R7
−40°C to +125°C
2.5
8-Lead SOIC_N_EP
RD-8-1
ADP7158ARDZ-2.8-R7
−40°C to +125°C
2.8
8-Lead SOIC_N_EP
RD-8-1
ADP7158ARDZ-3.0-R7
−40°C to +125°C
3.0
8-Lead SOIC_N_EP
RD-8-1
ADP7158ARDZ-3.3-R7
−40°C to +125°C
3.3
8-Lead SOIC_N_EP
RD-8-1
ADP7158CP-3.3EVALZ
Evaluation Board
1 Z = RoHS Compliant Part.
2 To order a device with voltage options of 1.3 V, 1.5 V, 1.6 V, 2.2 V, 2.6 V, 2.7 V, 2.9 V, 3.1 V, and 3.2 V, contact your local Analog Devices, Inc., sales or distribution
representative.
©2016 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D12896-0-5/16(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com