Electronic Components Datasheet Search
  English  ▼

X  

ADM7151 Datasheet(PDF) 15 Page - Analog Devices

Part # ADM7151
Description  High PSRR, RF Linear Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7151 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADM7151 Datasheet HTML 11Page - Analog Devices ADM7151 Datasheet HTML 12Page - Analog Devices ADM7151 Datasheet HTML 13Page - Analog Devices ADM7151 Datasheet HTML 14Page - Analog Devices ADM7151 Datasheet HTML 15Page - Analog Devices ADM7151 Datasheet HTML 16Page - Analog Devices ADM7151 Datasheet HTML 17Page - Analog Devices ADM7151 Datasheet HTML 18Page - Analog Devices ADM7151 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
ADP7158
Data Sheet
Rev. A | Page 14 of 22
APPLICATIONS INFORMATION
ADIsimPOWER DESIGN TOOL
The ADP7158 is supported by the ADIsimPower™ design tool
set. ADIsimPower is a collection of tools that produce complete
power designs optimized for a specific design goal. These tools
enable the user to generate a full schematic, bill of materials,
and calculate performance within minutes. ADIsimPower can
optimize designs for cost, area, efficiency, and device count,
taking into consideration the operating conditions and limita-
tions of the IC and all real external components. For more
information about, and to obtain the ADIsimPower design
tools, visit www.analog.com/ADIsimPower.
CAPACITOR SELECTION
Multilayer ceramic capacitors (MLCCs) combine small size, low
ESR, low ESL, and wide operating temperature range, making
them an ideal choice for bypass capacitors. They are not without
faults, however. Depending on the dielectric material, the
capacitance can vary dramatically with temperature, dc bias,
and ac signal level. Therefore, selecting the proper capacitor
results in the best circuit performance.
Output Capacitor
The ADP7158 is designed for operation with ceramic capacitors
but functions with most commonly used capacitors when care
is taken with regard to the ESR value. The ESR of the output
capacitor affects the stability of the LDO control loop. A
minimum of 10 μF capacitance with an ESR of 0.1 Ω or less is
recommended to ensure the stability of the ADP7158. Output
capacitance also affects transient response to changes in load
current. Using a larger value of output capacitance improves the
transient response of the ADP7158 to large changes in load
current. Figure 43 shows the transient responses for an output
capacitance value of 10 μF.
1
2
CH1 1.00A
IOUT
VOUT
CH2 10.0mV
B
W M4.00µs
A CH1
1.00A
T 21.90%
SLEW RATE = 3A/µs
Figure 43. Output Transient Response, VOUT = 3.3 V, COUT = 10 μF,
Channel 1 = Load Current, Channel 2 = VOUT
Input and VREG Capacitor
Connecting a 10 μF capacitor from VIN to ground reduces the
circuit sensitivity to PCB layout, especially when long input
traces or high source impedance are encountered.
To maintain the best possible stability and PSRR performance,
connect a 1 μF or greater capacitor from VREG to ground.
REF Capacitor
The REF capacitor, CREF, is necessary to stabilize the reference
amplifier. Connect at 1 μF or greater capacitor between REF and
ground.
BYP Capacitor
The BYP capacitor, CBYP, is necessary to filter the reference
buffer. A 1 μF capacitor is typically connected between BYP and
ground. Capacitors as small as 0.1 μF can be used; however, the
output noise voltage of the LDO increases as a result.
In addition, the BYP capacitor value can be increased to reduce
the noise below 1 kHz at the expense of increasing the start-up
time of the LDO regulator. Very large values of CBYP signifi-
cantly reduce the noise below 10 Hz. Tantalum capacitors are
recommended for capacitors larger than approximately 33 μF
because solid tantalum capacitors are less prone to microphonic
noise issues. A 1 μF ceramic capacitor in parallel with the larger
tantalum capacitor is recommended to ensure good noise
performance at higher frequencies.
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
1
10
100
1000
CBYP (µF)
10Hz TO 100kHz
100Hz TO 100kHz
Figure 44. RMS Noise vs. Bypass Capacitance (CBYP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com