Electronic Components Datasheet Search
  English  ▼

X  

ADM7151 Datasheet(PDF) 18 Page - Analog Devices

Part # ADM7151
Description  High PSRR, RF Linear Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7151 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADM7151 Datasheet HTML 14Page - Analog Devices ADM7151 Datasheet HTML 15Page - Analog Devices ADM7151 Datasheet HTML 16Page - Analog Devices ADM7151 Datasheet HTML 17Page - Analog Devices ADM7151 Datasheet HTML 18Page - Analog Devices ADM7151 Datasheet HTML 19Page - Analog Devices ADM7151 Datasheet HTML 20Page - Analog Devices ADM7151 Datasheet HTML 21Page - Analog Devices ADM7151 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Data Sheet
ADP7158
Rev. A | Page 17 of 22
START-UP TIME
The ADP7158 uses an internal soft start to limit the inrush current
when the output is enabled. The start-up time for a 3.3 V output is
approximately 1.2 ms from the time the EN active threshold is
crossed to when the output reaches 90% of its final value.
The rise time in seconds of the output voltage (10% to 90%) is
approximately
0.0012 × CBYP
where CBYP is measured in microfarads.
–2
02468
10
12
14
16
18
20
VEN
1µF
4.7µF
10µF
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
TIME (ms)
Figure 52. Typical Start-Up Behavior with CBYP = 1 μF to 10 μF
–20
0
20
40
60
80
100
120
140
160
VEN
10µF
47µF
100µF
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
TIME (ms)
Figure 53. Typical Start-Up Behavior with CBYP = 10 μF to 100 μF
REF, BYP, AND VREG PINS
REF, BYP, and VREG generate voltages internally (VREF, VBYP,
and VREG) that require external bypass capacitors for proper
operation. Do not, under any circumstances, connect any loads
to these pins, because doing so compromises the noise and
PSRR performance of the ADP7158. Using larger values of CBYP,
CREF, and CREG is acceptable but can increase the start-up time,
as described in the Start-Up Time section.
CURRENT-LIMIT AND THERMAL SHUTDOWN
The ADP7158 is protected against damage due to excessive
power dissipation by current and thermal overload protection
circuits. The ADP7158 is designed to current limit when the
output load reaches 3 A (typical). When the output load exceeds
3 A, the output voltage is reduced to maintain a constant current
limit.
When the ADP7158 junction temperature exceeds 150°C, the
thermal shutdown circuit turns off the output voltage, reducing
the output current to zero. Extreme junction temperature can be
the result of high current operation, poor circuit board design or
high ambient temperature. A 15°C hysteresis is included so that
the ADP7158 does not return to operation after thermal shutdown
until the on-chip temperature falls below 135°C. When the
device exits thermal shutdown, a soft start is initiated to reduce
the inrush current.
Current limit and thermal shutdown protections are intended to
protect the device against accidental overload conditions. For
example, a hard short from VOUT to ground or an extremely
long soft start timer usually causes thermal oscillations between
the current limit and thermal shutdown.
THERMAL CONSIDERATIONS
In applications with a low input to output voltage differential,
the ADP7158 does not dissipate much heat. However, in applica-
tions with high ambient temperature and/or high input voltage,
the heat dissipated in the package may become large enough
that it causes the junction temperature of the die to exceed the
maximum junction temperature of 125°C.
The junction temperature of the die is the sum of the ambient
temperature of the environment and the temperature rise of the
package due to the power dissipation, as shown in Equation 2.
To guarantee reliable operation, the junction temperature of the
ADP7158 must not exceed 125°C. To ensure that the junction
temperature stays below this maximum value, the user must be
aware of the parameters that contribute to junction temperature
changes. These parameters include ambient temperature, power
dissipation in the power device, and thermal resistances between
the junction and ambient air (θJA). The θJA number is dependent
on the package assembly compounds that are used and the
amount of copper used to solder the exposed pad (ground) to
the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com