Electronic Components Datasheet Search
  English  ▼

X  

ADM7151 Datasheet(PDF) 17 Page - Analog Devices

Part # ADM7151
Description  High PSRR, RF Linear Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7151 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADM7151 Datasheet HTML 13Page - Analog Devices ADM7151 Datasheet HTML 14Page - Analog Devices ADM7151 Datasheet HTML 15Page - Analog Devices ADM7151 Datasheet HTML 16Page - Analog Devices ADM7151 Datasheet HTML 17Page - Analog Devices ADM7151 Datasheet HTML 18Page - Analog Devices ADM7151 Datasheet HTML 19Page - Analog Devices ADM7151 Datasheet HTML 20Page - Analog Devices ADM7151 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
ADP7158
Data Sheet
Rev. A | Page 16 of 22
PROGRAMMABLE PRECISION ENABLE
The ADP7158 uses the EN pin to enable and disable the VOUT pin
under normal operating conditions. As shown in Figure 48, when a
rising voltage on EN crosses the upper threshold, nominally
1.22 V, VOUT turns on. When a falling voltage on EN crosses the
lower threshold, nominally 1.13 V, VOUT turns off. The hysteresis
of the EN threshold is typically 90 mV.
The ADP7158 includes a discharge resistor on each VOUT,
VREG, REF, and BYP pin. These resistors turn on when the
device is disabled, which helps to discharge the associated
capacitor very quickly.
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
1.00
1.05
1.10
1.15
1.20
1.25
1.30
EN PIN VOLTAGE (V)
–40°C
–5°C
25°C
85°C
125°C
Figure 48. Typical VOUT Response to EN Pin Operation
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
–2
–1
0
123
45
678
TIME (ms)
VEN
VOUT
Figure 49. Typical VOUT Response to EN Pin Operation (VEN),
VOUT = 3.3 V, VIN = 5 V, CBYP = 1 μF
1.100
1.125
1.150
1.175
1.200
1.225
1.250
2.53.0
3.54.0
4.55.0
5.5
INPUT VOLTAGE (V)
EN RISING
EN FALLING
Figure 50. Typical EN Precision Threshold vs. Input Voltage (VIN)
The upper and lower thresholds are user programmable and can
be set higher than the nominal 1.22 V threshold by using two
resistors. Determine the resistance values, REN1 and REN2, from
REN1 = REN2 × (VEN − 1.22 V)/1.22 V
where:
REN2 typically ranges from 10 kΩ to 100 kΩ.
VEN is the desired turn-on voltage.
The hysteresis voltage increases by the factor
(REN1 + REN2)/REN2
For the example shown in Figure 51, the EN threshold is 2.44 V
with a hysteresis of 200 mV.
VOUT
VOUT_SENSE
REF_SENSE
REF
VIN
EN
ADP7158
GND
CREF
1µF
CIN
10µF
COUT
10µF
OFF
ON
VIN = 3.8V
VOUT = 3.3V
BYP
CBYP
1µF
REN1
100kΩ
REN2
100kΩ
VREG
CREG
1µF
Figure 51. Typical EN Pin Voltage Divider
Figure 51 shows the typical voltage divider configuration of the
EN pin. This configuration prevents on/off oscillations that can
occur due to noise on the EN pin as it passes through the
threshold points.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com