Electronic Components Datasheet Search
  English  ▼

X  

MT9072AB Datasheet(PDF) 105 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 105 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 101Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 102Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 103Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 104Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 105Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 106Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 107Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 108Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 109Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 275 page
background image
MT9072
Data Sheet
105
Zarlink Semiconductor Inc.
Test Data Input (TDI) - Serial input data applied to this port is fed either into the instruction register or into a test
data register, depending on the sequence previously applied to the TMS input. Both registers are described in a
subsequent section. The received input data is sampled at the rising edge of TCK pulses. This pin is internally
pulled up to device VDD when it is not driven from an external source.
Test Data Output (TDO) - Depending on the sequence previously applied to the TMS input, the contents of either
the instruction register or data register are serially shifted out towards the TDO pin. The data out of TDO is clocked
on the falling edge of the TCK pulses. When no data is shifted through the boundary scan cells, the TDO driver is
set to a high impedance state.
Test Reset (TRST) - Reset the JTAG scan structure.
16.2
Test Access Port (TAP) Controller
The TAP Controller generates clock and control signals for the Instruction Register (IR) and the Test Data Registers
(TDR’s). The TAP Controller operates synchronously with the TCK input clock and responds to the TMS input
signal to generate control signals which shift, capture, or update data through either the IR or the TDR’s.
16.3
Instruction Register
The Instruction Register (IR) is a 3-bit register which allows one of four test instructions to be shifted into the device.
Test instructions are serially loaded into the IR from the TDI pin by the TAP Controller. Refer to Table 53 which
describes the test instructions provided by the MT9072; these instructions are in accordance with the IEEE 1149.1
standard.
MSB
LSB
Instruction
Name
Functional Description
0
0
0
EXTEST
This instruction isolates the framer logic (on chip logic) from the input and output
pins. The signal states at the output pins are determined by the values
programmed (earlier) in the Boundary Scan Register. This instruction allows
testing of board level interconnects (i.e., open, stuck at, bridge).
0
1
0
SAMPLE/PR
ELOAD
This instruction performs two functions. On the rising edge of TCK, the SAMPLE
instruction is performed. With this instruction, the signal states at the input and
output pins are loaded into the Boundary Scan Register. On the falling edge of
TCK, the PRELOAD instruction is performed. With this instruction, the signal
states at the output pins is determined by the values programmed (earlier) in the
Boundary Scan Register.
0
0
1
IDCODE
This instruction forces the value of the 32 bit MT9072 Identification Register into
the Instruction Register’s parallel output latches. This is the default instruction
loaded after a JTAG reset.
1
1
1
BYPASS
This instruction connects the Bypass Register between the TDI and TDO pins.
Note 1. The following optional JTAG instructions are not supported, INTEST, RUNBIST and USERCODE.
Table 53 - JTAG Instruction Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com