Electronic Components Datasheet Search
  English  ▼

X  

MT9072AB Datasheet(PDF) 216 Page - Zarlink Semiconductor Inc

Part # MT9072AB
Description  Octal T1/E1/J1 Framer
PDF  275 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9072AB Datasheet(HTML) 216 Page - Zarlink Semiconductor Inc

Back Button MT9072AB Datasheet HTML 212Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 213Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 214Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 215Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 216Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 217Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 218Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 219Page - Zarlink Semiconductor Inc MT9072AB Datasheet HTML 220Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 275 page
background image
MT9072
Data Sheet
216
Zarlink Semiconductor Inc.
17.2.14
Global Control and Status Registers(900-91F) Bit Functions
The Global Control and Status Registers are common to the T1 and E1 operation. The global registers are
accessed by address hex 9xx ( A11 and A8 being high and A10 and A9 being low)
Bit
Name
Functional Description
15-8
#
not used.
7 - 0
BIT7-0
(00000000)
This eight bit word is tagged with the two status bits from control register 1 (EOP and
FA), and the resulting 10 bit word is written to the TX FIFO. The FIFO status is not
changed immediately after a write or read occurs. It is updated after the data has
settled and the transfer to the last available position has finished. Note that when the
HDLC is connected to a T1 channel, the least significant bit in the FIFO is sent first.
Table 192 - TX Fifo Write Register(YF5) (E1)
Bit
Name
Functional Description
15-8
#
not used.
7 - 0
CNT7-0
(00000000)
The Transmit Byte Count Register indicating the length of the data portion of the packet
about to be transmitted. This is the size of the data and not the address, flags or FCS.
The Transmit Byte Counter position Y1C determines the number of bytes that have
been sent from the Transmit FIFO.
Table 193 - TX Byte Count Register(YF6) (E1)
Bit
Name
Functional Description
15
T1E0
(1)
T1E0. This bit determines if the chip will operate in T1 or E1 mode for all 8 framers. If the value
of this bit is changed the chip is reset in E1 or T1 default register mode. If the bit is set to 1, all
the framer register values are set to T1 defaults. For a setting of 0 the register values are set to
E1 defaults. This action takes approximately 34 1.5444 clock cycles. Hence any writes to
registers should be done on the next 125 usec frame after setting or clearing this bit.
14
STBUS
(0)
ST-BUS Enable. If zero, ST-BUS timing is enabled. If one, GCI timing is enabled (only available
for 2.048 Mb/s mode). See Figures 24-31.
13-5
#
not used
4CK1
Clock Rate. These clock select bits determine the system clock at the CKi pin and the receive
frame pulse at the FPi pin as follows (See Figures 24 to 31):
CK1
Clock
Frame Pulse
System Bus
0
4.096 MHz
2.048 Mb/s
2.048 Mb/s
1
16.384 MHz
8.192 Mb/s
8.192 Mb/s
3-1
#
not used.
0RSTC
(0)
Common Reset. When this bit is changed from zero to one, all eight framers will reset to their
default T1 mode. This software reset has the same effect as the RESET pin. See the Reset
Operation section for the default settings.
Table 194 - Global Control0 Register (R/W Address 900) (E1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com