Electronic Components Datasheet Search
  English  ▼

X  

LM1893 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1893
Description  LM1893/LM2893 Carrier-Current Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1893 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM1893 Datasheet HTML 1Page - National Semiconductor (TI) LM1893 Datasheet HTML 2Page - National Semiconductor (TI) LM1893 Datasheet HTML 3Page - National Semiconductor (TI) LM1893 Datasheet HTML 4Page - National Semiconductor (TI) LM1893 Datasheet HTML 5Page - National Semiconductor (TI) LM1893 Datasheet HTML 6Page - National Semiconductor (TI) LM1893 Datasheet HTML 7Page - National Semiconductor (TI) LM1893 Datasheet HTML 8Page - National Semiconductor (TI) LM1893 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Typical Performance Characteristics (Va e18V FO e 125 kHz circuit ofFigure 1 pin numbers for
LM1893)
Total Current Consumption
IQT vs Supply Voltage
Total Current Consumption
IQT vs Junction Temperature
Chip Bias Current
iQ vs Supply Voltage
Chip Bias Current IQ
vs Junction Tempurature
Output Stage DC Current
IODC vs Output Voltage
Output Stage DC Current
IODC vs
Junction Temperature
Transient Voltage Survival
vs Pulse Time
Transmitter AC Output Current
vs Junction Temperature
Transmitter Sinusoid THD
vs Junction Temperature
ALC Voltage vs
Junction Temperature
ICO Frequency vs
Junction Temperature
Transmitter FSK Deviation
vs Junction Temperature
TLH6750 – 38
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com