Electronic Components Datasheet Search
  English  ▼

X  

LM1893 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1893
Description  LM1893/LM2893 Carrier-Current Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1893 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM1893 Datasheet HTML 4Page - National Semiconductor (TI) LM1893 Datasheet HTML 5Page - National Semiconductor (TI) LM1893 Datasheet HTML 6Page - National Semiconductor (TI) LM1893 Datasheet HTML 7Page - National Semiconductor (TI) LM1893 Datasheet HTML 8Page - National Semiconductor (TI) LM1893 Datasheet HTML 9Page - National Semiconductor (TI) LM1893 Datasheet HTML 10Page - National Semiconductor (TI) LM1893 Datasheet HTML 11Page - National Semiconductor (TI) LM1893 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Application Information (Continued)
Recommended
Purpose
Effect of making the component value
Notes
Value
Smaller
Larger
CO 560 pF
Together CO and RO Increases FO
Decreases FO
g
5% NPO ceramic Use low TC
RO 62 kX
set ICO FO
Increases FO
Decreases FO
2 k pot and 56 k fixed R
k
56 k not recommended
l
76 k not recommended
Poor FO TC with k5 6kRO
CF 0047 mF
PLL loop filter pole
Less noise immune higher More noise immune lower Depending on RF value and
fDATA more PLL stability
fDATA less PLL stability
FO PLL unstable with large
RF 33 kX
PLL loop filter zero
PLL less stable allows
PLL more stable allows
CF See Apps Info CF
less CF Less ringing
more CF More ringing
and RF values not critical
CC 022 mF
Couples FO to line
Low TX line amplitude
Drives lower line Z
t
250 V non-polar Use 2CC
CC and T1 low-pass
Less 60 Hz T1 current
More 60 Hz T1 current
on hot and neutral for max
attenuates 60 Hz
Less stored charge
More stored charge
line isolation safety
CQ 0033 mF
Tank matches line Z Tank FO up or increase
Tank FO down or decrease 100 V nonpolar low TC g10%
bandpass filters
L of T1 for constant FO
L of T1 for constant FO
High large-signal Q needed
T1 Use
isolates from line
Smaller L higher FO or
Larger L lower FO or
Optimize for low FO line
recommended
and attenuates
increase CC decreased FO decrease CC increased FO pull with control of FO TC
XFMR
transients
line pull
line pull
and Q
CA 01 mF
ALC pole
Noise spikes turn ALC off
Slower ALC response
RA optional ALC stable
RA 10 kX
ALC zero
Less stable ALC
More stable ALC
for CAt100 pF
CL 0047 mF
Limiter 50 kHz pole
Higher pole F more 60 Hz
Lower pole F less 60 Hz
Any reasonably low TC cap
60 Hz rejection
reject FO attenuation
reject more noise BW
300 pF guarantees stability
CM 047 mF
Holds RX path VOS
Less noise immune shorter More noise immune longer Low leakage g20% cap
VOS hold faster VOS aqui- VOS hold slower VOS aqui- Scale with fDATA
sition shorter preamble
sition longer preamble
CI 0047 mF
Rejects short pulses Less impulse reject less
More impulse reject more
CI charge time
bit nom
like impulse noise
delay more pulse jitter
delay less pulse jitter
Must be k1 bit worst-case
RC 10 kX
Open-col pull-up
Less available sink I
Less available source I
RCt15 kX on 56 V
RZ 12 kX
56 V Zener bias
Larger shunt current
Smaller shunt current
1kIZk30 mA recommended
more chip dissipation
less Va current draw
(Chip power-up needs 56 V)
ZT t44 V BV
Transient clamp
ZT failure higher series
ZT costly lower series
Recommend Zener rated
k
60 V peak
R-excess peak V Zener
R gives enhanced
for t500 W for 1 ms
and chip damage
transient clamp
less ruggedness
more ruggedness
RT 47 X
Transient I limit
Damage ZT pull up Va
Excessive TX attenuation
Carbon comp recommended
DT t44V BV
Over-drive Clamp
Failure on Transient
Costly
IRF 11DQ05 or 1N5819
RB 180 X
Base bleed
Faster lower THD IO
Inadequate turn-off speed
Boost optional QB F(b3 dB)
QB Power NPN
Boost gain device
Excessive TJ and VSAT
More rugged but costly
of l200 MHz RB l 24 Ohm
RG 11 X
Current setting R
More IO need higher hfe
Less IO lower min hfe
IOe70 (10aRG)RG mApp
CB t47 mF
Supply bypass
Transients destroy chip
Less supply spike
Va never over abs max
ZA 51V
Stop ALC charge
Excess ALC
ALC RX charging
ZA optional - 51V
in RX mode
current flow
not inhibited over TJ
g
20% low leakage type
FIGURE 5 A quick explanation of the external component function using the circuit of
Figure 4 Values given are for Va e
18 V FO e 125 kHz fDATA e 360 Baud (180 Hz) using a 115 V 60 Hz power line
Component Selection
Assuming the circuit of
Figure 4 is used with something oth-
er than the nominal 125 kHz carrier frequency 180 Hz data
rate 18V supply voltage etcetera the component values
listed in
Figure 5 will need changing This section will help
direct the CCT designer in finding the required component
values with emphasis placed on look-up tables and charts It
is assumed that the designer has selected values for carrier
center frequency FO data rate fDATA supply voltage Va
power line voltage VL and power line frequency FL Ifone
or more of those parameters is not defined one may read
the data sheet and make an educated guess
Maxims to keep in mind based on CCT electrical perform-
ance considerations only are 1) the higher the FO the bet-
ter 2) the lower the maximum data rate the better and 3)
the more time and frequency filtering the better
Use
Figure 5 as a quick reference to the external compo-
nent function
THE TRANSMITTER
CO
Central to chip operation is the low TC of FO emitter-cou-
pled oscillator With proper CO the FO of the 2VBE ampli-
tude triangle-wave oscillator output may vary from near DC
to above 300 kHz While CO may have any value CO should
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com