Electronic Components Datasheet Search
  English  ▼

X  

LM1893 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1893
Description  LM1893/LM2893 Carrier-Current Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1893 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM1893 Datasheet HTML 5Page - National Semiconductor (TI) LM1893 Datasheet HTML 6Page - National Semiconductor (TI) LM1893 Datasheet HTML 7Page - National Semiconductor (TI) LM1893 Datasheet HTML 8Page - National Semiconductor (TI) LM1893 Datasheet HTML 9Page - National Semiconductor (TI) LM1893 Datasheet HTML 10Page - National Semiconductor (TI) LM1893 Datasheet HTML 11Page - National Semiconductor (TI) LM1893 Datasheet HTML 12Page - National Semiconductor (TI) LM1893 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Component Selection (Continued)
be made above 10 pF so that parasitic capacitance is not
dominant
Excessive or unbalanced common-mode-to-
ground capacitance should be avoided A low temperature
coefficient (TC) of capacitance (k100 PPM C) such as a
monolithic NPO ceramic multilayer type preserves low TC
of FO Figure 6 finds a CO value given FO
RO
Resistor RO is used by the IC to generate a VBE R related
current that is multiplied by 2 to produce the 200 mA ICO
control current that sets FO The control current TC ‘‘bucks’’
the VBE related tri-wave amplitude across CO to effect a low
TC of FO Vary RO to trim FO within limits Raising FO more
than 20% above its untrimmed value by means of decreas-
ing RO more than 20% is not recommended Low RO and
so high control current risks ICO saturation and poor TC
under worst-case conditions Raising RO reduces the de-
modulated signal amplitude from the phase detector raising
RO by more than a factor of 2 (1 octave) is not recommended
Since lower TC pots are relatively costly it is recommended
that RO be made up of a 56 k fixed (k100 PPM C) resistor
witha2kX (k250 PPM C) series pot
CA and RA
Components CA and RA control the dynamic characteristics
of the transmitter output envelope Their values are not crit-
ical Use the values given in
Figure 5 CA and RA are func-
tions of loaded T1 tank Q RO fDATA and line impulse
noise Any changes made in CA and RA should be made
based on empirical measurements of a CCT on the line
Roughly CA acts as an ALC pole and RA an ALC zero
T1
At this point the CCT system designer may choose to use
one of the recommended transformers or to design custom
T1 Consult ‘‘The Coupling Transformer’’ section to help
with the design of T1 if a new or boost-capable transformer
is needed The recommended 125 kHz transformer func-
tions with an IO of up to 600 mApp
It is recommended that CCT systems use the recommended
transformers described in
Figure 7 for T1 The 3 transform-
ers are optimized for use in the ranges of 50 – 100 kHz 100 –
200 kHz and 200 – 400 kHz with unloaded Q’s (QU) of about
35 and loaded Q’s (QL) of about 12 Three secondary taps
are supplied with nominal 707 10 and 141 turns ratios (N)
to drive industrial and residential power line impedances of
35 7 and 14X respectively All are inexpensive all have
the same pin-outs for easy exchange in a PC board and all
are small - on the order of 10 mm diameter at the base
CQ
Tank resonant frequency FQ must be correct to allow pas-
sage of transmitter signal to the line Use
Figure 8 to find
CQ’s value Trimming FQ to equal FO is done with T1’s trim-
ming slug The inductance of T1 hasaTCof a150 PPM C
which may be cancelled by using a b150 PPM C cap such
as polystyrene Since circulating current in the tank is
ARMS CQ should have a low series resistance (a 1 X series
resistance is too much) Polypropelene caps are excellent
‘‘orange drop’’ mylars are adequate while many other my-
lars are inadequate A 100V rating is needed for transient
protection
TLH6750 – 5
FIGURE 6 Find CO’s value knowing FO
TLH6750 – 10
FIGURE 8 Find CO’s value given FO
Bottom View
TLH6750 – 6
TLH6750 – 7
125 kHz
Toko 707VX-A042YUK
TLH6750 – 8
50 kHz
Toko 707VX-A043YUK
TLH6750 – 9
300 kHz
Toko 161XN-A207YUK
FIGURE 7 The recommended T1 transformers available through
Toko America 1250 Feehanville Drive Mount Prospect IL 60056 (312) 297-0070
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com