Electronic Components Datasheet Search
  English  ▼

X  

LM1893 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1893
Description  LM1893/LM2893 Carrier-Current Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1893 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM1893 Datasheet HTML 9Page - National Semiconductor (TI) LM1893 Datasheet HTML 10Page - National Semiconductor (TI) LM1893 Datasheet HTML 11Page - National Semiconductor (TI) LM1893 Datasheet HTML 12Page - National Semiconductor (TI) LM1893 Datasheet HTML 13Page - National Semiconductor (TI) LM1893 Datasheet HTML 14Page - National Semiconductor (TI) LM1893 Datasheet HTML 15Page - National Semiconductor (TI) LM1893 Datasheet HTML 16Page - National Semiconductor (TI) LM1893 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Component Selection (Continued)
TLH6750 – 22
FIGURE 20 Size CM assuming a 2 bit-time
receive bias time
CI
The impulse noise filter integrator capacitor CI is used to
disallow the passage of any pulse shorter than the integra-
tor charge time That charge time set to a nominal
bit
time is the time required for a g50 mA charge current to
swing CI overa2VBE range Charge time under worst case
conditions must never be greater than a bit time since no
signal could then pass Using a g10% capacitor full junc-
tion temperature range and full specified current range a
maximum nominal charge time of
bit is recommended
Figure 21 gives CI versus data rate under those conditions
RC
The collector pull-up resistor is sized to supply adequate
pull-up current drive and speed while preserving adequate
output low current drive
TLH6750 – 24
FIGURE 21 Impulse noise filter cap CI versus FDATA
where the charge time is
bit time
ZA
The 51V silicon zener diode ZA is required when a short
RX-to-TX switch-over time is needed at the same time that
the chip is operating in the RX mode with a pin 10 input
signal swing approaching or exceeding twice the supply
voltage Predominant causes of these large swings imping-
ing on the RX input are 1) a transmitter’s supply voltage
higher than the receiver’s supply voltage 2) a TX and RX
pair that are electrically close or 3) a higher RX T1 step-up
turns ratio than the TX T1 step-down ratio
Normally when in the RX mode with small incoming signal
on pin 10
the ALC remains off with pin 7 at a 6V
(VZb2VBE) bias voltage CA is then charged to 6V TX
mode may then be selected with 6V on CA allowing 100%
TX power to pump T1’s tuned circuit and so the AC line
quickly for fast RX-to-TX switch time As TX output swing
increases so that pin 10 swings below VALC (47V typically)
that ALC activates to charge CA to about 66V to reduce TX
output drive However if in the RX mode pin 10 ever swings
below VALC CA will charge to above 66V Now when the
TX mode is selected with CA at 66V somewhere from 0 to
100% TX output drive is available to pump T1’s tuned circuit
resulting in a slower rising line signal - effectively reducing
the RX-to-TX switch time
Use a 51V ZA driven bya0to 08V logic low signal to
guarantee over-temp operation RA must be in series with
ZA to limit current flow and should never fall below 1 kX If
RA is less than 1 kX then puta2kX resistor in series with
ZA Logic high voltages above 10V will cause current flow
into pin 7 that must be limited to 1 mA (with RA or a
series R)
Breadboarding Tips
During CCT system evaluation some techniques listed be-
low will simplify certain measurements
Use caution when working on this circuit - dangerous
line voltages may be present
When evaluating PLL operation offset cancel circuit op-
eration and loop filter values use the filter of
Figure 22
to view the demodulated signal minus the 2FO and noise
components This filter models the RC lowpass filter on
chip
TLH6750 – 25
FIGURE 22 Circuit to view the differential demodulated data signal minus the noise and 2FO components
conveniently with a single-ended gain-of-one output
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com