Electronic Components Datasheet Search
  English  ▼

X  

MCP3919 Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP3919
Description  3V Three-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3919 Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP3919 Datasheet HTML 23Page - Microchip Technology MCP3919 Datasheet HTML 24Page - Microchip Technology MCP3919 Datasheet HTML 25Page - Microchip Technology MCP3919 Datasheet HTML 26Page - Microchip Technology MCP3919 Datasheet HTML 27Page - Microchip Technology MCP3919 Datasheet HTML 28Page - Microchip Technology MCP3919 Datasheet HTML 29Page - Microchip Technology MCP3919 Datasheet HTML 30Page - Microchip Technology MCP3919 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 88 page
background image
 2014 Microchip Technology Inc.
DS20005347A-page 27
MCP3919
4.15
Dithering
In order to suppress or attenuate the idle tones present
in any delta-sigma ADCs, dithering can be applied to
the ADC. Dithering is the process of adding an error to
the ADC feedback loop in order to “decorrelate” the
outputs and “break” the idle tone’s behavior. Usually a
random or pseudo-random generator adds an analog
or digital error to the feedback loop of the delta-sigma
ADC in order to ensure that no tonal behavior can
happen at its outputs. This error is filtered by the feed-
back loop and typically has a zero average value, so
that the converter static transfer function is not dis-
turbed by the dithering process. However, the dithering
process slightly increases the noise floor (it adds noise
to the part) while reducing its tonal behavior and thus
improving SFDR and THD. The dithering process
scrambles the idle tones into baseband white noise and
ensures that dynamic specs (SNR, SINAD, THD,
SFDR) are less signal dependent. The MCP3919 incor-
porates a proprietary dithering algorithm on all ADCs in
order to remove idle tones and improve THD, which is
crucial for power metering applications.
4.16
Crosstalk
Crosstalk is defined as the perturbation caused on one
ADC channel by all the other ADC channels present in
the chip. It is a measurement of the isolation between
each channel present in the chip.
This measurement is a two-step procedure:
1.
Measure one ADC input with no perturbation on
the other ADC (ADC inputs shorted).
2.
Measure
the same ADC
input
with a
perturbation sine wave signal on all the other
ADCs at a certain predefined frequency.
Crosstalk is the ratio between the output power of the
ADC when the perturbation is and is not present,
divided by the power of the perturbation signal. A lower
crosstalk value implies more independence and
isolation between the channels.
The measurement of this signal is performed under the
default conditions of MCLK = 4 MHz:
•GAIN = 1
• PRESCALE = 1
• OSR = 256
• MCLK = 4 MHz
Step 1 for CH0 Crosstalk Measurement:
• CH0+ = CH0- = AGND
• CHn+ = CHn- = AGND
n comprised between 1 and 2
Step 2 for CH0 Crosstalk Measurement:
• CH0+ = CH0-=AGND
• CHn+ - CHn- = 1.2VP-P @ 50/60 Hz (full-scale
sine wave)
n comprised between 1 and 2
The crosstalk for Channel 0 is then calculated with the
formula in Equation 4-10.
EQUATION 4-10:
The crosstalk depends slightly on the position of the
channels in the MCP3919 device. This dependency is
shown in the Figure 2-32, where the inner channels
show more crosstalk than the outer channels since
they are located closer to the perturbation sources. The
outer channels have the preferred locations to
minimize crosstalk.
4.17
PSRR
This is the ratio between a change in the power supply
voltage and the ADC output codes. It measures the
influence of the power supply voltage on the ADC
outputs.
The PSRR specification can be DC (the power supply
is taking multiple DC values) or AC (the power supply
is a sine wave at a certain frequency with a certain
common mode). In AC, the amplitude of the sine wave
represents the change in the power supply. It is defined
in Equation 4-11.
EQUATION 4-11:
Where: VOUT is the equivalent input voltage that the
output code translates to, with the ADC transfer
function.
In the MCP3919 specification for DC PSRR, AVDD var-
ies from 2.7V to 3.6V and for AC PSRR, a 50/60 Hz
sine wave is chosen centered around 3.0V with a
maximum 300 mV amplitude. The PSRR specification
is measured with AVDD = DVDD.
4.18
CMRR
CMRR is the ratio between a change in the
common-mode input voltage and the ADC output
codes. It measures the influence of the common-mode
input voltage on the ADC outputs.
The
CMRR
specification
can
be
DC
(the
common-mode input voltage is taking multiple DC
values) or AC (the common-mode input voltage is a
sine wave at a certain frequency with a certain common
mode). In AC, the amplitude of the sine wave
represents the change in the power supply. It is defined
in Equation 4-12.
CTalk dB

10
CH0Power
CHnPower
---------------------------------


log
=
PSRR dB

20
V
OUT
AV
DD
-------------------


log
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com