Electronic Components Datasheet Search
  English  ▼

X  

MCP3919 Datasheet(PDF) 42 Page - Microchip Technology

Part # MCP3919
Description  3V Three-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3919 Datasheet(HTML) 42 Page - Microchip Technology

Back Button MCP3919 Datasheet HTML 38Page - Microchip Technology MCP3919 Datasheet HTML 39Page - Microchip Technology MCP3919 Datasheet HTML 40Page - Microchip Technology MCP3919 Datasheet HTML 41Page - Microchip Technology MCP3919 Datasheet HTML 42Page - Microchip Technology MCP3919 Datasheet HTML 43Page - Microchip Technology MCP3919 Datasheet HTML 44Page - Microchip Technology MCP3919 Datasheet HTML 45Page - Microchip Technology MCP3919 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 88 page
background image
MCP3919
DS20005347A-page 42
 2014 Microchip Technology Inc.
5.13.2
DIGITAL GAIN ERROR
CALIBRATION
These registers are signed 24-bit MSB – first registers
coded with a range of -1x to +(1 - 2-23)x (from
0x800000 to 0x7FFFFF). The gain calibration adds 1x
to this register and multiplies it to the output code of the
channel bit by bit, after offset calibration. The range of
the gain calibration is thus from 0x to 1.9999999x (from
0x800000 to 0x7FFFFF). The LSB corresponds to
a2-23 increment in the multiplier.
Enabling EN_GAINCAL creates a pipeline delay of
24 DMCLK periods on all channels. All data ready
pulses are delayed by 24 DMCLK periods, starting
from data ready following the command enabling
EN_GAINCAL bit. The gain calibration is effective on
the next data ready following the command enabling
EN_GAINCAL bit.
The digital gain calibration does not function when the
corresponding channel is in Reset or Shutdown mode.
The gain multiplier value for an LSB in these 24-bit
registers is:
EQUATION 5-9:
This register is a “Don't Care” if EN_GAINCAL = 0
(offset calibration disabled) but its value is not cleared
by the EN_GAINCAL bit.
The output data on each channel is kept to either 7FFF
or 8000 (16-bit mode) or 7FFFFF or 800000 (24-bit
mode) if the output results are out of bounds after all
calibrations are performed.
EQUATION 5-10:
DIGITAL OFFSET AND GAIN ERROR CALIBRATION REGISTERS
CALCULATIONS
GAIN (1LSB) = 1/8388608
DATA_CHn post
cal
–

DATA_CHn pre
cal
–
 OFFCAL_CHn
+

1
GAINCAL_CHn
+

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com