Electronic Components Datasheet Search
  English  ▼

X  

MCP3919 Datasheet(PDF) 47 Page - Microchip Technology

Part # MCP3919
Description  3V Three-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3919 Datasheet(HTML) 47 Page - Microchip Technology

Back Button MCP3919 Datasheet HTML 43Page - Microchip Technology MCP3919 Datasheet HTML 44Page - Microchip Technology MCP3919 Datasheet HTML 45Page - Microchip Technology MCP3919 Datasheet HTML 46Page - Microchip Technology MCP3919 Datasheet HTML 47Page - Microchip Technology MCP3919 Datasheet HTML 48Page - Microchip Technology MCP3919 Datasheet HTML 49Page - Microchip Technology MCP3919 Datasheet HTML 50Page - Microchip Technology MCP3919 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 88 page
background image
 2014 Microchip Technology Inc.
DS20005347A-page 47
MCP3919
6.5.1
CONTINUOUS READ
The
STATUSCOM
register
contains
the
read
communication loop settings for the internal register
address pointer (READ<1:0> bits). For Continuous
Read modes, the address selection can take the
following four values:
Any SDI data coming after the control byte is not
considered during a continuous read communication.
The following figures represent a typical, continuous
read communication on all six ADC channels in TYPES
mode with the default settings (DR_LINK = 1,
READ<1:0> = 10, WIDTH_DATA<1:0> = 01) in case of
the SPI Mode 0,0 (Figure 6-7) and SPI Mode 1,1
(Figure 6-8).
In SPI Mode (1,1), the SDO pin stays in the last state
(LSB of previous data) after a complete reading which
also allows seamless continuous Read mode (see
Figure 6-8).
FIGURE 6-7:
Typical Continuous Read Communication (WIDTH_DATA<1:0> = 01, SPI Mode 0,0).
FIGURE 6-8:
Typical Continuous Read Communication (WIDTH_DATA<1:0> = 01, SPI Mode 1,1).
TABLE 6-1:
ADDRESS SELECTION IN
CONTINUOUS READ
READ<1:0>
Register Address Set Grouping
for Continuous Read
Communications
00
Static (no incrementation)
01
Groups
10
Types (default)
11
Full Register Map
Note:
For continuous reading of ADC data in
SPI Mode 0,0 (see Figure 6-7), once the
data has been completely read after a
data ready, the SDO pin will take the MSB
value of the previous data at the end of the
reading (falling edge of the last SCK
clock). If SCK stays idle at logic low (by
definition of Mode 0,0), the SDO pin will
be updated at the falling edge of the next
data ready pulse (synchronously with the
DR pin falling edge with an output timing
of tDODR) with the new MSB of the data
corresponding to the data ready pulse.
This mechanism allows the MCP3919 to
continuously read ADC data outputs
seamlessly, even in SPI Mode (0,0).
Don’t care
SCK
SDI
SDO
CS
Hi-Z
8x
0x01
24x
DATA_CH0
Starts read sequence at
address 00000
DATA_CH1
24x
24x
DATA_CH0
DATA_CH1
24x
Don’t care
DR
DATA_CH0
<23>
New data
DATA_CH0
<23>
Old data
DATA_CH2
DATA_CH2
24x
24x
Don’t care
SCK
SDI
SDO
CS
Hi-Z
8x
0x01
24x
DATA_CH0
Starts read sequence at
address 00000
Complete READ sequence on ADC
outputs channels 0 to 1
DATA_CH1
24x
24x
DATA_CH0
DATA_CH1
24x
Don’t care
DR
Stays at
DATA_CH2<0>
Complete READ sequence on new ADC
outputs channels 0 to 1
24x
24x
DATA_CH2
DATA_CH2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com