Electronic Components Datasheet Search
  English  ▼

X  

MCP3919 Datasheet(PDF) 56 Page - Microchip Technology

Part # MCP3919
Description  3V Three-Channel Analog Front End
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3919 Datasheet(HTML) 56 Page - Microchip Technology

Back Button MCP3919 Datasheet HTML 52Page - Microchip Technology MCP3919 Datasheet HTML 53Page - Microchip Technology MCP3919 Datasheet HTML 54Page - Microchip Technology MCP3919 Datasheet HTML 55Page - Microchip Technology MCP3919 Datasheet HTML 56Page - Microchip Technology MCP3919 Datasheet HTML 57Page - Microchip Technology MCP3919 Datasheet HTML 58Page - Microchip Technology MCP3919 Datasheet HTML 59Page - Microchip Technology MCP3919 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 88 page
background image
MCP3919
DS20005347A-page 56
 2014 Microchip Technology Inc.
7.4
Watchdog Timer Reset, Resetting
the Part in 2-Wire Mode
When the part has entered in the 2-Wire mode, the
Hard Reset mode functionality is not available because
the RESET pin becomes the logic input for OSR0. If the
user wants to execute a full reset of the part without
doing a POR, the 2-Wire mode incorporates an internal
watchdog timer that automatically performs a full reset
of the part, if the timer has elapsed. The watchdog timer
starts synchronously with each rising edge of
SCK/MCLK. If the SCK logic-high state is maintained
for a time that is larger than tWATCH, the watchdog time
circuit forces the full reset of the chip, which then
returns to its default configuration with all ADCs being
reset. If the SCK logic-high state is maintained for a
time shorter than tWATCH and then SCK/MCLK toggles
to logic low, the internal timer is cleared, waiting for
another rising edge to restart.
The watchdog timer functionality induces a restriction
in the usable range of frequencies on SCK/MCLK. In
order to avoid intermittent resets in all cases, the mini-
mum SCK/MCLK frequency in 2-Wire Interface mode is
equal to the inverse of the minimum tWATCH time
(1/(2 x 3.6 µs) = 138.9 kHz, if the duty cycle of the
SCK/MCLK is 50%).
The watchdog timer starts only on the rising edge of
SCK/MCLK, not on the falling edge. Maintaining
CK/MCLK at a logic low state for large periods of time
does not create any watchdog timer resets. A Watch-
dog Timer Reset is created only when the SCK/MCLK
state is maintained logic high during a long enough
period of time.
This watchdog timer period permits ? to exit the 2-Wire
Interface, if desired, by toggling the OSC2/MODE pin to
logic low before creating the Watchdog Timer Reset
and by maintaining it logic low until the reset happens.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com