Electronic Components Datasheet Search
  English  ▼

X  

VDP313XY Datasheet(PDF) 55 Page - Micronas

Part # VDP313XY
Description  Video Processor Family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP313XY Datasheet(HTML) 55 Page - Micronas

Back Button VDP313XY Datasheet HTML 51Page - Micronas VDP313XY Datasheet HTML 52Page - Micronas VDP313XY Datasheet HTML 53Page - Micronas VDP313XY Datasheet HTML 54Page - Micronas VDP313XY Datasheet HTML 55Page - Micronas VDP313XY Datasheet HTML 56Page - Micronas VDP313XY Datasheet HTML 57Page - Micronas VDP313XY Datasheet HTML 58Page - Micronas VDP313XY Datasheet HTML 59Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 76 page
background image
ADVANCE INFORMATION
VDP 313xY
Micronas
55
3.3. Pin Descriptions
Pin 1
− Test Input, TEST (Fig. 3–3)
This pin enables factory test modes. For normal opera-
tion it must be connected to ground.
Pin 2
− Reset Input, RESQ (Fig. 3–4)
A low level on this pin resets the VDP31xxY.
Pin 3
− I2C Bus Clock, SCL (Fig. 3–4)
This pin connects to the I2C bus clock line.
Pin 4
− I2C Bus Data, SDA (Fig. 3–4)
This pin connects to the I2C bus data line.
Pin 5
− Ground (Digital Shield), GNDD
Pin 6
− Half Contrast Switch Input, HCS (Fig. 3–22)
Via this input pin the output level of the analog RGB
output pins can be reduced by 6 dB.
Pin 7
− Front Sync Output, FSY (Fig. 3–21)
This pin supplies the front sync information
Pin 8
− Composite Sync Output, CSY (Fig. 3–21)
This output supplies a standard composite sync signal
that is compatible to the analog RGB output signals.
Pin 9
− Vertical Sync Output, VS (Fig. 3–21)
This pin supplies the vertical sync information.
Pin 10
− Interlace Output, INTLC (Fig. 3–21)
This pin supplies the interlace information, with pro-
grammable polarity.
Pin 11
− Vertical Protection Input, VPROT (Fig. 3–14)
The vertical protection circuitry prevents the picture
tube from burn-in in the event of a malfunction of the
vertical deflection stage. During vertical blanking, a
signal level of 2.5 V is sensed. If a negative edge can-
not be detected, the RGB output signals are blanked.
Pin 12
− Safety Input, SAFETY (Fig. 3–14)
This is a three-level input. Low level means normal
function. At the medium level RGB signals are blanked
and at high level RGB signals are blanked and hori-
zontal drive is shut off.
Pin 13
− Horizontal Flyback Input, HFLB (Fig. 3–14)
Via this pin the horizontal flyback pulse is supplied to
the VDP 313xY.
Pin 14
− Ground (Digital Circuitry Front-end), GNDD
Pin 15, 17
− Supply Voltage (Digital Circuitry), VSUPD
Pin 16
− Ground (Digital Circuitry Back-end), GNDD
Pin 18
−24 − IO Port Expander, PORT[6:0] (Fig. 3–21,
Fig. 3–22)
These pins provide an I2C programmable I/O port,
which can be used to read and write slow external sig-
nals.
Pin 25
− Ground (Digital Shield), GNDD.
Pin 26, 27
− Range Switch for Measurement ADC,
RSW1, RSW2 (Fig. 3–18)
These pins are open drain pull-down outputs. RSW1 is
switched off during cutoff and whitedrive measure-
ment. RSW2 is switched off during cutoff measure-
ment only.
Pin 28
− Measurement ADC Input, SENSE (Fig. 3–19)
This is the input of the analog digital converter for the
picture and tube measurement.
Pin 29
− Ground (Measurement ADC Reference
Input), GNDM
This is the ground reference for the measurement A/D
converter.
Pin 30
− Vertical Sawtooth Output Q, VERTQ
(Fig. 3–16)
This pin supplies the drive signal for the vertical output
stage. The drive signal is generated with 15-bit preci-
sion by the Fast Processor in the front-end. The analog
voltage is generated by a 4-bit current-DAC with exter-
nal registor and uses digital noise shaping.
Pin 31
− Vertical Sawtooth Output, VERT (Fig. 3–16)
This pin supplies the inverted signal of pin 30.
Together with pin 30 it can be used to drive symmetri-
cal deflection amplifiers.
Pin 32
− East−West Parabola Output, EW (Fig. 3–17)
This pin supplies the parabola signal for the East-West
correction. The drive signal is generated with 15 bit
precision by the Fast Processor in the front-end. The
analog voltage is generated by a 4-bit current-DAC
with external resistor and uses digital noise shaping.
Pin 33
− DAC Current Reference, XREF (Fig. 3–20)
External reference resistor for DAC output currents,
typical 10 k
Ω to adjust the output current of the D/A
converters. (see recommended operating conditions).
This resistor has to be connected to analog ground as
closely as possible to the pin without any capacitor.
Pin 34
− Scan Velocity Modulation Output, SVMOUT
(Fig. 3–12)
This output delivers the analog SVM signal. The D/A
converter is a current sink like the RGB D/A convert-
ers. At zero signal the output current is 50 % of the
maximum output current.
Pin 35
− Ground (Analog Back-end), GNDAB
Pin 36
− Supply Voltage (Analog Back-end), VSUPAB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com