Electronic Components Datasheet Search
  English  ▼

X  

VDP313XY Datasheet(PDF) 69 Page - Micronas

Part # VDP313XY
Description  Video Processor Family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP313XY Datasheet(HTML) 69 Page - Micronas

Back Button VDP313XY Datasheet HTML 65Page - Micronas VDP313XY Datasheet HTML 66Page - Micronas VDP313XY Datasheet HTML 67Page - Micronas VDP313XY Datasheet HTML 68Page - Micronas VDP313XY Datasheet HTML 69Page - Micronas VDP313XY Datasheet HTML 70Page - Micronas VDP313XY Datasheet HTML 71Page - Micronas VDP313XY Datasheet HTML 72Page - Micronas VDP313XY Datasheet HTML 73Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 76 page
background image
ADVANCE INFORMATION
VDP 313xY
Micronas
69
3.6.4.18. Analog RGB and FB Inputs
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
RGB Input Characteristics
VRGBIN
External RGB Inputs Voltage
Range
RIN1/2
GIN1/2
BIN1/2
−0.3
−
1.1
V
VRGBIN
nominal RGB Input Voltage
peak-to-peak
0.5
0.7
1.0
VPP
SCART Spec: 0.7 V
±3dB
VRGBIN
RGB Inputs Voltage for
Maximum Output Current
−
0.44
−
V
Contrast setting: 511
−
0.7
−
V
Contrast setting: 323
−
1.1
−
V
Contrast setting: 204
tCLP
Clamp Pulse Width
1.6
−−
µs
CIN
Input Capacitance
−−
13
pF
IIL
Input Leakage Current
−0.5
−
0.5
µA
Clamping OFF,
VIN = −0.3...3 V
VCLIP
RGB Input Voltage for
Clipping Current
−
2
−
V
VCLAMP
Clamp Level at Input
40
60
80
mV
Clamping ON
VINOFF
Offset Level at Input
−10
−
10
mV
Extrapolated from
VIN = 100 and 200 mV
VINOFF
Offset Level Match at Input
−10
−
10
mV
Extrapolated from
VIN = 100 and 200 mV
RCLAMP
Clamping-ON-Resistance
−
140
−Ω
Fast Blank Input Characteristics
VFBLOFF
FBLIN Low Level
FBLIN1/2
−−
0.5
V
VFBLON
FBLIN High Level
0.9
−−
V
VFBLTRIG
Fast Blanking Trigger
Level typical
−
0.7
−
V
tPID
Delay Fast Blanking to
RGBOUT from midst of
FBLIN-transition to 90 % of
RGBOUT- transition
−
8
15
ns
Internal RGB = 3.75 mA
Full Scale
Int. Brightness = 0
External Brightness =
1.5 mA (Full Scale)
RGBin = 0
VFBLOFF = 0.4 V
VFBLON = 1.0 V
Rise and fall time = 2 ns
Difference of Internal Delay to
External RGBin Delay
−5
−
+5
ns
Switch-Over-Glitch
−
0.5
−
pAs
Switch from 3.75 mA (int)
to 1.5 mA (ext)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com