Electronic Components Datasheet Search
  English  ▼

X  

VDP313XY Datasheet(PDF) 68 Page - Micronas

Part # VDP313XY
Description  Video Processor Family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP313XY Datasheet(HTML) 68 Page - Micronas

Back Button VDP313XY Datasheet HTML 64Page - Micronas VDP313XY Datasheet HTML 65Page - Micronas VDP313XY Datasheet HTML 66Page - Micronas VDP313XY Datasheet HTML 67Page - Micronas VDP313XY Datasheet HTML 68Page - Micronas VDP313XY Datasheet HTML 69Page - Micronas VDP313XY Datasheet HTML 70Page - Micronas VDP313XY Datasheet HTML 71Page - Micronas VDP313XY Datasheet HTML 72Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 76 page
background image
VDP 313xY
ADVANCE INFORMATION
68
Micronas
3.6.4.16. Scan Velocity Modulation Output
3.6.4.17. D/A Converter Reference
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
Resolution
SVMOUT
−
8
−
bit
IOUT
Full Scale Output Current
1.55
1.875
2.25
mA
IOUT
Differential Nonlinearity
−−
0.5
LSB
IOUT
Integral Nonlinearity
−−
1LSB
IOUT
Glitch Pulse Charge
−
0.5
−
pAs
Ramp, output line is
terminated on both ends
with 50
Ω
IOUT
Rise and Fall Time
−
3
−
ns
10 % to 90 %, 90 % to
10 %
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
VDACREF
DAC-Ref. Voltage
VRD
2.38
2.50
2.63
V
VDACR
DAC-Ref. Output
resistance
18
25
32
k
Ω
VXREF
DAC-Ref. Voltage
Bias Current Generation
XREF
2.38
2.5
2.63
V
Rxref = 10 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com