Electronic Components Datasheet Search
  English  ▼

X  

VDP313XY Datasheet(PDF) 66 Page - Micronas

Part # VDP313XY
Description  Video Processor Family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP313XY Datasheet(HTML) 66 Page - Micronas

Back Button VDP313XY Datasheet HTML 62Page - Micronas VDP313XY Datasheet HTML 63Page - Micronas VDP313XY Datasheet HTML 64Page - Micronas VDP313XY Datasheet HTML 65Page - Micronas VDP313XY Datasheet HTML 66Page - Micronas VDP313XY Datasheet HTML 67Page - Micronas VDP313XY Datasheet HTML 68Page - Micronas VDP313XY Datasheet HTML 69Page - Micronas VDP313XY Datasheet HTML 70Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 76 page
background image
VDP 313xY
ADVANCE INFORMATION
66
Micronas
3.6.4.7. Horizontal Flyback Input
3.6.4.8. Horizontal Drive Output
3.6.4.9. Vertical Protection Input
3.6.4.10. Vertical Safety Input
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
VIL
Input Low Voltage
HFLB
−−
1.8
V
VIH
Input High Voltage
2.6
−−
V
VIHST
Input Hysteresis
0.1
−−
V
PSRRHF
Power Supply Rejection Ratio
of Trigger Level
0
−−
dB
f = 20 MHz
PSRRMF
Power Supply Rejection Ratio
of Trigger Level
−20
−−
dB
f < 15 kHz
PSRRLF
Power Supply Rejection Ratio
of Trigger Level
−40
−−
dB
f < 100 Hz
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
VOL
Output Low Voltage
HOUT
−−
0.4
V
IOL = 10 mA
VOH
Output High Voltage
(Open Drain Stage)
−−
5
V
external pull-up resistor
tOF
Output Fall Time
−
820
ns
CLOAD = 30 pF
IOL
Output Low Current
−−
10
mA
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
VIL
Input Low Voltage
VPROT
−−
1.8
V
VIH
Input High Voltage
2.6
−−
V
VIHST
Input Hysteresis
0.1
−−
V
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
VILA
Input Low Voltage A
SAFETY
−−
1.8
V
VIHA
Input High Voltage A
2.6
−−
V
VILB
Input Low Voltage B
−−
3.0
V
VIHB
Input High Voltage B
3.8
−−
V
VIHST
Input Hysteresis A and B
0.1
−−
V
tPID
Internal Delay
−−
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com