Electronic Components Datasheet Search
  English  ▼

X  

HV7321 Datasheet(PDF) 15 Page - Microchip Technology

Part # HV7321
Description  4-Ch. 5-Level 짹80V High-Voltage Ultrasound Pulser with T/R Switches
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV7321 Datasheet(HTML) 15 Page - Microchip Technology

Back Button HV7321 Datasheet HTML 11Page - Microchip Technology HV7321 Datasheet HTML 12Page - Microchip Technology HV7321 Datasheet HTML 13Page - Microchip Technology HV7321 Datasheet HTML 14Page - Microchip Technology HV7321 Datasheet HTML 15Page - Microchip Technology HV7321 Datasheet HTML 16Page - Microchip Technology HV7321 Datasheet HTML 17Page - Microchip Technology HV7321 Datasheet HTML 18Page - Microchip Technology HV7321 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
 2016 Microchip Technology Inc.
DS20005639A-page 15
HV7321
2.0
TYPICAL PERFORMANCE CURVES
FIGURE 2-1:
ILLQ vs. Temperature.
FIGURE 2-2:
IPP0Q vs. Temperature.
FIGURE 2-3:
IPP1Q vs. Temperature.
FIGURE 2-4:
IDDQ vs. Temperature.
FIGURE 2-5:
INN0Q vs. Temperature.
FIGURE 2-6:
INN1Q vs. Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
0.1
0.2
0.3
0.4
0.5
0
255075
100
Temperature (°C)
0
1
2
3
4
0
255075
100
Temperature (°C)
0
1
2
3
0
255075
100
Temperature (°C)
0
10
20
30
40
50
0
255075
100
Temperature (°C)
-4
-3
-2
-1
0
025
50
75
100
Temperature (°C)
-4
-3
-2
-1
0
0
255075
100
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com