Electronic Components Datasheet Search
  English  ▼

X  

HV7321 Datasheet(PDF) 18 Page - Microchip Technology

Part # HV7321
Description  4-Ch. 5-Level 짹80V High-Voltage Ultrasound Pulser with T/R Switches
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV7321 Datasheet(HTML) 18 Page - Microchip Technology

Back Button HV7321 Datasheet HTML 14Page - Microchip Technology HV7321 Datasheet HTML 15Page - Microchip Technology HV7321 Datasheet HTML 16Page - Microchip Technology HV7321 Datasheet HTML 17Page - Microchip Technology HV7321 Datasheet HTML 18Page - Microchip Technology HV7321 Datasheet HTML 19Page - Microchip Technology HV7321 Datasheet HTML 20Page - Microchip Technology HV7321 Datasheet HTML 21Page - Microchip Technology HV7321 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
HV7321
DS20005639A-page 18
 2016 Microchip Technology Inc.
36
RX3
Channel 3 T/R switch output
37, 44
RGND
Power ground
38
RX2
Channel 2 T/R switch output
39
TX2
Channel 2 transmitter output pin
40
CNEG
Internal linear regulator output pin. Connect 1 µF 10V capacitor to GND.
41
CPOS
Internal linear regulator output pin. Connect 1 µF 10V capacitor to GND.
42
TX1
Channel 1 transmitter output pin
43
RX1
Channel 1 T/R switch output
45
RX0
Channel 0 T/R switch output
46
TX0
Channel 0 transmitter output pin
58
VGN
-10V supply pin for the linear regulator
61
MODE
CW Mode selection pin. See section Section 4.3 “Operation Modes”.
62
SEL0
SEL input logic pin selects transmission high-voltage rails for channel 0. If SEL = 0,
select VPP0/VNN0. If SEL = 1, select VPP1/VNN1. See Table 1-1.
63
NEG0
NEG input logic pin turns on/off corresponding output N-channel MOSFET for
channel 0. See Table 1-1.
64
POS0
POS input logic pin turns on/off corresponding output P-channel MOSFET for channel 0.
See Table 1-1.
Thermal Pad
VSUB
Connect to ground.
TABLE 3-1:
PIN FUNCTION TABLE (CONTINUED)
Pin
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com