Electronic Components Datasheet Search
  English  ▼

X  

HV7321 Datasheet(PDF) 19 Page - Microchip Technology

Part # HV7321
Description  4-Ch. 5-Level 짹80V High-Voltage Ultrasound Pulser with T/R Switches
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV7321 Datasheet(HTML) 19 Page - Microchip Technology

Back Button HV7321 Datasheet HTML 15Page - Microchip Technology HV7321 Datasheet HTML 16Page - Microchip Technology HV7321 Datasheet HTML 17Page - Microchip Technology HV7321 Datasheet HTML 18Page - Microchip Technology HV7321 Datasheet HTML 19Page - Microchip Technology HV7321 Datasheet HTML 20Page - Microchip Technology HV7321 Datasheet HTML 21Page - Microchip Technology HV7321 Datasheet HTML 22Page - Microchip Technology HV7321 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
 2016 Microchip Technology Inc.
DS20005639A-page 19
HV7321
4.0
DEVICE DESCRIPTION
4.1
Overview
The HV7321 is a 4-channel, 5-level ultrasound
transmitter with built-in T/R switches, output protection
diodes and clamp diodes.
The HV7321 can provide up to
2.6A and the output
voltage swing can be up to
80V.
The HV7321 supports both Transparent and Re-Timing
mode. The re-timing clock frequency can support up
to 220 MHz. The re-timing feature helps reduce the
output jitter introduced by the driving FPGA.
4.2
Recommended Power-up
Sequence
Powering up/down in any arbitrary sequence will not
cause any damage to the device. The powering-up
sequences in Table 4-1 are only recommended in order
to minimize possible in-rush current. Figure 4-1 shows
the timing diagram of related signals.
FIGURE 4-1:
Power-On Events and Power-Saving Time Diagram.
4.3
Operation Modes
There are five modes of operation: Device Disabled,
Output Disabled, Pulsed-Echo Mode, CW Mode-0 and
CW Mode-1.
4.3.1
DEVICE ENABLE MODE
In Device Disabled mode, the regulators are turned off
when REN is low. The regulators are ON when
REN = VLL. All regulators are ON except VNEG and
VPOS for power saving when REN = 1. When REN is
low, OEN = X (OEN = 1 or 0) since device is disabled.
Refer to Table 4-2.
4.3.2
OUTPUT HIGH Z MODE
In Output Disabled mode, regulators are enabled
REN = 1 and OEN = 0 (Output Enable logic input) and
output pins (TX0-3) are in high Z state. OEN = 1
enables the outputs.
4.3.3
PULSED-ECHO MODE
Pulsed-Echo mode (B-mode) enables the 5-level
waveform generation. OEN = 1, MODE = 0, and PWS =
1 enable Pulsed-Echo mode after HV7321 powers on.
SEL/NEG/POS inputs of desired channel determine
the corresponding TX Output pulse.
TABLE 4-1:
POWER-UP SEQUENCE
Step
Power-Up Description
1VLL ON with logic signal low
2VDD, VGP and VGN ON
3REN = 1
4VPP0,1 and VNN0,1 ON
5
OEN = 1 & Logic control signal active
PGD internal
VCPOS output
VLL input
VDD input
VDD > VDDUVON
VGP input
VPP input
OEN input
REN input
Internal VDD Power-Good Signal
|VGN|
|VNN|
tOEN_ON
VCNEG output
VPP
VCPF
VCNF
VNN
(3V)
Ready to Work
(Power Saving)
TABLE 4-2:
REN & OEN LOGIC INPUTS
REN
OEN
Device
TX Output
0
X
Disabled
high Z
1
0
Enabled
high Z
1
1
Enabled
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com