Electronic Components Datasheet Search
  English  ▼

X  

HV7321 Datasheet(PDF) 20 Page - Microchip Technology

Part # HV7321
Description  4-Ch. 5-Level 짹80V High-Voltage Ultrasound Pulser with T/R Switches
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV7321 Datasheet(HTML) 20 Page - Microchip Technology

Back Button HV7321 Datasheet HTML 16Page - Microchip Technology HV7321 Datasheet HTML 17Page - Microchip Technology HV7321 Datasheet HTML 18Page - Microchip Technology HV7321 Datasheet HTML 19Page - Microchip Technology HV7321 Datasheet HTML 20Page - Microchip Technology HV7321 Datasheet HTML 21Page - Microchip Technology HV7321 Datasheet HTML 22Page - Microchip Technology HV7321 Datasheet HTML 23Page - Microchip Technology HV7321 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
HV7321
DS20005639A-page 20
 2016 Microchip Technology Inc.
4.3.4
CW MODE-0
CW Mode-0 enables continuous wave mode provided
solely by the HV7321. OEN = 1, MODE = 0 and
PWS = 0 activate CW Mode-0. FPGA selects VPP1 and
VNN1 amplitudes via SEL/NEG/POS inputs.
In theory, VPP0 and VNN0 can be selected but this is
strongly discouraged since VPP0 and VNN0 usage
increases power consumption and causes excessive
heating in CW Mode-0.
4.3.5
CW MODE-1
CW Mode-1 is enabled using an external CW signal
source for continuous wave mode. OEN = 1 and
MODE = 1 activate CW Mode-1. External CW signals
can connect to any of CWIN0-3. In this mode, the
CW signal source also feeds the CLK input. See
Table 4-3 for details.
4.3.5.1
External CW Beamformer Option
(CW Mode-1)
The HV7321 has built-in CW switches that allow the
use of an external CW beamformer to further minimize
jitter and phase noise on CW waveforms. This mode is
called CW Mode-1.
One suggested external CW beamformer is the
MD1730, which has very low phase noise and
8-channel CW output. A pair of HV7321s can operate
with the MD1730 as an 8-channel CW waveform
generator. See Figure 4-2.
The
MD1730
supports
both
differential
and
single-ended signals using CLKP and CLKN inputs.
The MD1730 enables setting the CW output phase
delay and frequency for channels via SPI. Please refer
to the MD1730 data sheet for more information.
FIGURE 4-2:
HV7321 + MD1730 Integration.
TABLE 4-3:
MODE & PWS LOGIC INPUTS
Mode
PWS
State
0
0
CW Mode-0
0
1
Pulsed-Echo
1
X
CW Mode-1
TABLE 4-3:
MODE & PWS LOGIC INPUTS
Mode
PWS
State
X0
1 of 4 channles
+1V to +8V
+2.5V
RX0
-10V
TXRW
to next
HV7321
CLK
to other
ICs
CTRN[3:0]
OTPN
DT[63:0]
TX FPGAI/Os
OEN
REN
MODE
PWS
OTPN
SEL0
NEG0
POS0
SEL3
NEG3
POS3
CLK
CWIN0
CWIN1
CWIN2
CWIN3
GND
VSUB
SUB
VGN
RX1-3
TX1-3
RGND
RGND
RXDMP
RX0
TX0
VNN1
VPP1
VNN0
VPP0
VGP
VPP
VLL
+5V
+10V
0V to +80V
0V to -80V
0V to -80V
0V to +80V
TRSW
TRSW
RTZSW
VPF1
VNF1
VPF0
VNF0
Decode
& Level
Shift
+2.5V +5V
+10V
VGP
VPP
VLL
CPF VCW+
CKB0
VLL
CBE1
CLK
CLK
VLL
CBE0
VCW+
CKB1
CW0
CW1
CW2
CW3
CW4~7
to next
HV7321
CWIN0 3
VCW-
CNF
VGN
DAP
GND
SUB
other CW
channels
1 of 8
channels
MD1730
VCW-
VPF
VNF
CW
Fre. Dvdr
& Phase
Delay
SPI
LVDS
CLK
CWSW
HV7321
-1V to -8V
-10V
EN
SPIM
CS
SDO
SDI
SCK
CLK
CLK
CBE0,1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com