Electronic Components Datasheet Search
  English  ▼

X  

TPS65983B Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65983B
Description  USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65983B Datasheet(HTML) 32 Page - Texas Instruments

Back Button TPS65983B Datasheet HTML 28Page - Texas Instruments TPS65983B Datasheet HTML 29Page - Texas Instruments TPS65983B Datasheet HTML 30Page - Texas Instruments TPS65983B Datasheet HTML 31Page - Texas Instruments TPS65983B Datasheet HTML 32Page - Texas Instruments TPS65983B Datasheet HTML 33Page - Texas Instruments TPS65983B Datasheet HTML 34Page - Texas Instruments TPS65983B Datasheet HTML 35Page - Texas Instruments TPS65983B Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 117 page
background image
0
1
0
1
0
1
0
0
0
0
1
1
0
0
0
1
1
Data in
BMC
1
BMC
Decoder
SOP
Detect
4b5b
Decoder
CRC
from PD_RX
Data
32
TPS65983B
SLVSDM6A – OCTOBER 2016 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: TPS65983B
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Feature Description (continued)
Figure 13. USB-PD Baseband Receiver Block Diagram
The USB-PD baseband signal is driven on the C_CCn pins with a tri-state driver. The tri-state driver is slew-rate
limited to reduce the high-frequency components imparted on the cable and to avoid interference with
frequencies used for communication.
9.3.1.2 USB-PD Bi-Phase Marked Coding
The USBP-PD physical layer implemented in the TPS65983B is compliant to the USB-PD Specifications. The
encoding scheme used for the baseband PD signal is a version of Manchester coding called Biphase Mark
Coding (BMC). In this code, a transition occurs at the start of every bit time and a second transition occurs in the
middle of the bit cell when a 1 is transmitted. This coding scheme is nearly DC balanced with limited disparity
(limited to 1/2 bit over an arbitrary packet, so a very low DC level). Figure 14 shows the Biphase Mark Coding.
Figure 14. Biphase Mark Coding Example
The USB PD baseband signal is driven onto the C_CC1 or C_CC2 pins with a tri-state driver. The tri-state driver
is slew rate to limit coupling to D+/D– and to other signal lines in the Type-C fully featured cables. When sending
the USB-PD preamble, the transmitter will start by transmitting a low level. The receiver at the other end will
tolerate the loss of the first edge. The transmitter will terminate the final bit by an edge to ensure the receiver
clocks the final bit of EOP.
9.3.1.3 USB-PD Transmit (TX) and Receive (Rx) Masks
The USB-PD driver meets the defined USB-PD BMC TX masks. Because a BMC coded as 1 contains a signal
edge at the beginning and middle of the UI, and the BMC coded as 0 contains only an edge at the beginning, the
masks are different for each. The USB-PD receiver meets the defined USB-PD BMC Rx masks. The boundaries
of the Rx outer mask are specified to accommodate a change in signal amplitude because of the ground offset
through the cable. The Rx masks are therefore larger than the boundaries of the TX outer mask. Similarly, the
boundaries of the Rx inner mask are smaller than the boundaries of the TX inner mask. Triangular time masks
are superimposed on the TX outer masks and defined at the signal transitions to require a minimum edge rate
that will have minimal impact on adjacent higher speed lanes. The TX inner mask enforces the maximum limits
on the rise and fall times. Refer to the USB-PD Specifications for more details.
9.3.1.4 USB-PD BMC Transmitter
The TPS65983B transmits and receives USB-PD data over one of the C_CCn pins. The C_CCn pin is also used
to determine the cable orientation (see the Cable Plug and Orientation Detection section) and maintain
cable/device attach detection. Thus, a DC bias will exist on the C_CCn. The transmitter driver will overdrive the
C_CCn DC bias while transmitting, but will return to a Hi-Z state allowing the DC voltage to return to the C_CCn
pin when not transmitting. Figure 15 shows the USB-PD BMC TX/Rx driver block diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com