Electronic Components Datasheet Search
  English  ▼

X  

TPS65983B Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65983B
Description  USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65983B Datasheet(HTML) 71 Page - Texas Instruments

Back Button TPS65983B Datasheet HTML 67Page - Texas Instruments TPS65983B Datasheet HTML 68Page - Texas Instruments TPS65983B Datasheet HTML 69Page - Texas Instruments TPS65983B Datasheet HTML 70Page - Texas Instruments TPS65983B Datasheet HTML 71Page - Texas Instruments TPS65983B Datasheet HTML 72Page - Texas Instruments TPS65983B Datasheet HTML 73Page - Texas Instruments TPS65983B Datasheet HTML 74Page - Texas Instruments TPS65983B Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 117 page
background image
VIN_3V3 Valid
Check
BUSPOWERZ
VBUS Present
Configure for VBUS
Power
Check
BUSPOWERZ
Enable PP_HV as
SINK
Enable PP_EXT as
SINK
No
” 2.4 V
Yes
> 0.8 V
” 0.8 V
Load App Code
No
Yes
>2.4 V
I
2
C Initiated
71
TPS65983B
www.ti.com
SLVSDM6A – OCTOBER 2016 – REVISED OCTOBER 2016
Product Folder Links: TPS65983B
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Device Functional Modes (continued)
9.4.4 Dead-Battery Condition
After I2C configuration concludes the TPS65983B checks VIN_3V3 to determine the cause of device boot. If the
device is booting from a source other than VIN_3V3, the dead battery flow is followed to allow for the rest of the
system to receive power. The state of the BUSPOWERZ pin is read to determine power path configuration for
dead battery operation. After the power path is configured, the TPS65983B will continue through the boot
process. Figure 66 depicts the full dead battery process.
Figure 66. Dead-Battery Condition Flow Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com