Electronic Components Datasheet Search
  English  ▼

X  

TPS65983B Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65983B
Description  USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65983B Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS65983B Datasheet HTML 9Page - Texas Instruments TPS65983B Datasheet HTML 10Page - Texas Instruments TPS65983B Datasheet HTML 11Page - Texas Instruments TPS65983B Datasheet HTML 12Page - Texas Instruments TPS65983B Datasheet HTML 13Page - Texas Instruments TPS65983B Datasheet HTML 14Page - Texas Instruments TPS65983B Datasheet HTML 15Page - Texas Instruments TPS65983B Datasheet HTML 16Page - Texas Instruments TPS65983B Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 117 page
background image
13
TPS65983B
www.ti.com
SLVSDM6A – OCTOBER 2016 – REVISED OCTOBER 2016
Product Folder Links: TPS65983B
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
UI denotes the time to transmit an un-encoded data bit not the shortest high or low times on the wire after encoding with BMC. A single
data bit cell has duration of 1 UI, but a data bit cell with value 1 will contain a centrally place 01 or 10 transition in addition to the
transition at the start of the cell.
(2)
The capacitance of the bulk cable is not included in the CCBLPLUG definition. It is modeled as a transmission line.
(3)
CRECEIVER includes only the internal capacitance on a C_CCn pin when the pin is configured to be receiving BMC data. External
capacitance is needed to meet the required minimum capacitance per the USB-PD Specifications. It is recommended to add
capacitance to bring the total pin capacitance to 300 pF for improved TX behavior.
(4)
BMC packet collision is avoided by the detection of signal transitions at the receiver. Detection is active when a minimum of NCOUNT
transitions occur at the receiver within a time window of TTRANWIN. After waiting TTRANWIN without detecting NCOUNT transitions,
the bus is declared idle.
(5)
Broadband noise ingression is due to coupling in the cable interconnect.
7.9 USB-PD Baseband Signal Requirements and Characteristics
Recommended operating conditions; TA = –10 to +85°C unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
COMMON
PD_BITRATE
PD data bit rate
270
300
330
Kbps
UI(1)
Unit interval (1/PD_BITRATE)
3.03
3.33
3.7
μs
CCBLPLUG(2)
Capacitance for a cable plug (each plug on a cable may have up
to this value)
25
pF
ZCABLE
Cable characteristic impedance
32
65
Ω
CRECEIVER(3)
Receiver capacitance. Capacitance looking into C_CCn pin
when in receiver mode.
70
120
pF
TRANSMITTER
ZDRIVER
TX output impedance. Source output impedance at the Nyquist
frequency of USB2.0 low speed (750kHz) while the source is
driving the C_CCn line.
33
75
Ω
TRISE
Rise Time. 10% to 90% amplitude points, minimum is under an
unloaded condition. Maximum set by TX mask.
300
ns
TFALL
Fall Time. 90% to 10% amplitude points, minimum is under an
unloaded condition. Maximum set by TX mask.
300
ns
RECEIVER
VRXTR
Rx Receive Rising Input threshold
605
630
655
mV
VRXTF
Rx Receive Falling Input threshold
450
470
490
mV
NCOUNT(4)
Number of transitions for signal detection (number to count to
detect non-idle bus).
3
TTRANWIN(4)
Time window for detecting non-idle bus.
12
20
μs
ZBMCRX
Receiver input impedance
Does not include pullup or
pulldown resistance from
cable detect. Transmitter is
Hi-Z.
10
MΩ
TRXFILTER(5)
Rx bandwidth limiting filter. Time constant of a single pole filter
to limit broadband noise ingression
100
ns
(1)
VTXP voltage settings are determined by application code and the setting used must meet the needs of the application and adhere to
the USB-PD Specifications.
7.10 USB-PD TX Driver Voltage Adjustment Parameter
(1)
Recommended operating conditions; TA = –10 to +85°C unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
VTXP0
TX Transmit Peak Voltage
1.615
1.7
1.785
V
VTXP1
TX Transmit Peak Voltage
1.52
1.6
1.68
V
VTXP2
TX Transmit Peak Voltage
1.425
1.5
1.575
V
VTXP3
TX Transmit Peak Voltage
1.33
1.4
1.47
V
VTXP4
TX Transmit Peak Voltage
1.235
1.3
1.365
V
VTXP5
TX Transmit Peak Voltage
1.188
1.25
1.312
V
VTXP6
TX Transmit Peak Voltage
1.14
1.2
1.26
V
VTXP7
TX Transmit Peak Voltage
1.116
1.175
1.233
V
VTXP8
TX Transmit Peak Voltage
1.092
1.15
1.208
V
VTXP9
TX Transmit Peak Voltage
1.068
1.125
1.181
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com