Electronic Components Datasheet Search
  English  ▼

X  

TPS65983B Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65983B
Description  USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65983B Datasheet(HTML) 39 Page - Texas Instruments

Back Button TPS65983B Datasheet HTML 35Page - Texas Instruments TPS65983B Datasheet HTML 36Page - Texas Instruments TPS65983B Datasheet HTML 37Page - Texas Instruments TPS65983B Datasheet HTML 38Page - Texas Instruments TPS65983B Datasheet HTML 39Page - Texas Instruments TPS65983B Datasheet HTML 40Page - Texas Instruments TPS65983B Datasheet HTML 41Page - Texas Instruments TPS65983B Datasheet HTML 42Page - Texas Instruments TPS65983B Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 117 page
background image
Time (200 Ps/div)
0
0
1
1
2
2
3
3
4
4
5
5
6
6
D006
I VBUS
VBUS
Time (200 Ps/div)
-2
-1
0
0
2
1
4
2
6
3
8
4
10
5
12
6
D005
I VBUS
VBUS
39
TPS65983B
www.ti.com
SLVSDM6A – OCTOBER 2016 – REVISED OCTOBER 2016
Product Folder Links: TPS65983B
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Figure 24. PP_5V0 Current Limit With a Hard Short (Extended Time Base)
Figure 25. PP_5V0 Current Limit With a Soft Short (2 Ω)
9.3.3.5 Internal HV Power Delivery
The TPS65983B has an integrated, bi-directional high-voltage switch that is rated for up to 3 Amps of current.
The TPS65983B is capable of sourcing or sinking high-voltage power through an internal switch path designed to
support USB-PD power up to 20 V at 3 A of current. VBUS and PP_HV are both rated for up to 22 V as
determined by Recommended Operating Conditions, and operate down to 0 V as determined by Absolute
Maximum Ratings. In addition, VBUS is tolerant to voltages up to 22 V even when PP_HV is at 0 V. Similarly,
PP_HV is tolerant up to 22 V while VBUS is at 0 V. The switch structure is designed to tolerate a constant
operating voltage differential at either of these conditions. Figure 21 shows a simplified circuit for the switch from
PP_HV to VBUS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com