Electronic Components Datasheet Search
  English  ▼

X  

TPS65983B Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65983B
Description  USB Type-C and USB PD Controller, Power Switch, and High Speed Multiplexer
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65983B Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS65983B Datasheet HTML 5Page - Texas Instruments TPS65983B Datasheet HTML 6Page - Texas Instruments TPS65983B Datasheet HTML 7Page - Texas Instruments TPS65983B Datasheet HTML 8Page - Texas Instruments TPS65983B Datasheet HTML 9Page - Texas Instruments TPS65983B Datasheet HTML 10Page - Texas Instruments TPS65983B Datasheet HTML 11Page - Texas Instruments TPS65983B Datasheet HTML 12Page - Texas Instruments TPS65983B Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 117 page
background image
9
TPS65983B
www.ti.com
SLVSDM6A – OCTOBER 2016 – REVISED OCTOBER 2016
Product Folder Links: TPS65983B
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
All voltage values are with respect to network GND. All GND pins must be connected directly to the GND plane of the board.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VI
Input voltage
range(1)
VIN_3V3
2.85
3.45
V
PP_5V0
4.75
5.5
PP_CABLE
2.95
5.5
PP_HV
4.5
22
VDDIO
1.7
3.45
VIO
I/O voltage
range(1)
VBUS
4
22
V
C_USB_PT, C_USB_NT, C_USB_PB, C_USB_NB, C_SBU1, C_SBU2
–2
5.5
C_CC1, C_CC2
0
5.5
TA
Ambient operating temperature range
–10
85
°C
TB
Operating board temperature range
–10
100
°C
TJ
Operating junction temperature range
–10
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
TPS65983B
UNIT
ZQZ (BGA)
96 BALLS
RθJA
Junction-to-ambient thermal resistance
42.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
12.4
°C/W
RθJB
Junction-to-board thermal resistance
13
°C/W
ψJT
Junction-to-top characterization parameter
0.3
°C/W
ψJB
Junction-to-board characterization parameter
13
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com