Electronic Components Datasheet Search
  English  ▼

X  

SC3610 Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SC3610
Description  FREQUENCY AND CLOCK DISPLAY DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC3610 Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SC3610 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC3610 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC3610 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC3610 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC3610 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC3610 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC3610 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC3610 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC3610 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Silan
Semiconductors
SC3610
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
1
FREQUENCY AND CLOCK
DISPLAY DRIVER
DESCRIPTION
The SC3610 is a frequency and clock display driver used for
displaying FM/AM radio frequency or a 12 hour alarm clock. By using
CMOS technology, it consumes very low power in clock display
mode.
FEATURES
* FM input with pre-scalar for radio frequency up to 150 MHz
* AM input for radio frequency up to 30 MHz
* 3 common, 13 segment, 1/3 bias LCD display drivers which
supports 4 digits LCD display
* On chip oscillator for external 32.768kHz crystal
* 10.7 MHz / 70 kHz I.F. frequency offset for FM signal and 455kHz
I.F. frequency offset for AM signal
* Internal real time clock in 12 hour display mode
* Selectable clock or frequency display
* 1.8V to 3.3V supply voltage
QFP-48-12x12-0.8
ORDERING INFORMATIOM
SC3610A
QFP-48-12x12-0.8 Package
SC3610B
QFP-44-10x10-0.8 Package
SC3610C
SC3610D
COB Package (QFP Type)
COB Package (SOP Type)
BLOCK DIAGRAM
AMP
PRESCALER
DIV. BY 10
AMP
IF
OFFSET
FREQ
COUNTER
TIMMING CTL
M
U
X
CLOCK
LCD DRIVER
RANGE
IF70K
AM/FM_SEL
AMI
N
FMIN
RST
VLCD
CLKFREQ-SEL
AL-SIG
AL-OUT


Similar Part No. - SC3610

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
SC3610 FUMAN-SC3610 Datasheet
498Kb / 12P
AM/FM frequency and clock display drive circuit
SC3610A FUMAN-SC3610A Datasheet
498Kb / 12P
AM/FM frequency and clock display drive circuit
SC3610B FUMAN-SC3610B Datasheet
498Kb / 12P
AM/FM frequency and clock display drive circuit
SC3610C FUMAN-SC3610C Datasheet
498Kb / 12P
AM/FM frequency and clock display drive circuit
SC3610D FUMAN-SC3610D Datasheet
498Kb / 12P
AM/FM frequency and clock display drive circuit
More results

Similar Description - SC3610

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS97U877 ICST-ICS97U877 Datasheet
129Kb / 13P
1.8V Wide Range Frequency Clock Driver
logo
NEC
UPD2813C NEC-UPD2813C Datasheet
496Kb / 6P
Clock And Radio Frequency Counter/Display Circuit CMOS LSI
logo
Integrated Circuit Syst...
ICS93V857YL-025T ICST-ICS93V857YL-025T Datasheet
82Kb / 10P
2.5V Wide Range Frequency Clock Driver
ICS97U877AHLF ICST-ICS97U877AHLF Datasheet
218Kb / 13P
1.8V Wide Range Frequency Clock Driver
logo
Silan Microelectronics ...
SC9638EP SILAN-SC9638EP Datasheet
859Kb / 13P
CD SERVO CONTROLLER WITH MCU (WITH CLOCK AND RADIO FREQUENCY DISPLAY)
SC9638FP SILAN-SC9638FP Datasheet
833Kb / 13P
CD SERVO CONTROLLER WITH MCU (WITH CLOCK AND RADIO FREQUENCY DISPLAY)
SC9697 SILAN-SC9697 Datasheet
303Kb / 9P
CD SERVO CONTROLLER WITH MCU (WITH CLOCK AND RADIO FREQUENCY DISPLAY)
logo
Integrated Device Techn...
97U877AHLF IDT-97U877AHLF Datasheet
646Kb / 13P
1.8V Wide Range Frequency Clock Driver
ICS97U870AKIT IDT-ICS97U870AKIT Datasheet
198Kb / 13P
1.8V Wide Range Frequency Clock Driver
logo
SHENZHEN FUMAN ELECTRON...
SC3610 FUMAN-SC3610 Datasheet
498Kb / 12P
AM/FM frequency and clock display drive circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com