Electronic Components Datasheet Search
  English  ▼

X  

SC3610 Datasheet(PDF) 10 Page - Silan Microelectronics Joint-stock

Part # SC3610
Description  FREQUENCY AND CLOCK DISPLAY DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC3610 Datasheet(HTML) 10 Page - Silan Microelectronics Joint-stock

Back Button SC3610 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC3610 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC3610 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC3610 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC3610 Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC3610 Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC3610 Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC3610 Datasheet HTML 13Page - Silan Microelectronics Joint-stock SC3610 Datasheet HTML 14Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Silan
Semiconductors
SC3610
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
10
Clock and Counter Mode
PIN
COM1
COM2
COM3
1COM1
--
--
2--
COM2
--
3--
--
COM3
4kHz
MHz
TK
5TS
1C
1B
61D
1G
1A
71P
1E
1F
82P
2C
2B
92D
2G
2A
10
COL
2E
2F
11
--
3C
3B
12
3D
3G
3A
13
S1
3E
3F
14
FM
4C
4B
15
4D
4G
4A
16
PM
4E
4F
17
AM
18
AL
19
MW
20
LW
21
SW
SW AM
MW FM
LW PM
MHz
KHz
s1
AL
a
b
c
d
e
f
g
4321
1P
2P
COL
TS
TK
D S
stereo
SW
MW
LW
AM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com