Electronic Components Datasheet Search
  English  ▼

X  

SC3610 Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SC3610
Description  FREQUENCY AND CLOCK DISPLAY DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC3610 Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SC3610 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC3610 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC3610 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC3610 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC3610 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC3610 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC3610 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC3610 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC3610 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Silan
Semiconductors
SC3610
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
4
ABSOLUTE MAXIMUM RATING
Characteristic
Symbol
Value
Unit
Supply Voltage
VDD
0.5 ~ 7.0
V
Input or Output Voltage
VIN, VOUT
-0.5 ~ VDD+0.5
V
Storage Temperature
TSTG
-40 ~ +125
°C
ESD Protection
-2 ~ + 2
kV
ELECTRICAL CHARACTERISTICS (VDD =3V, Temp =25°C , unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Voltage
VDD
IDD1
frequency mode
--
1.8
3.6
mA
VDD Supply Current Consumption
IDD2
clock mode
--
55
110
µA
Internal LCD Reference Voltage
VLCD
respect to VDD
2
2.25
2.5
V
LCD Drive Current consumption
ILCD
all segments on
--
--
5
µA
LCD Frame Frequency
FLCD
--
32
--
Hz
Oscillator Frequency
FOSC
--
32.768
--
kHz
FM Input Frequency
FFM
VIN =0.3 VPP
11.0
--
150
MHz
AM Input Frequency
FAM
VIN =0.3 VPP
0.5
--
30
MHz
FM Input impedance
RIN(FM) FFM =120MHz
--
150
--
Ω
AM Input impedance
RIN(AM) FAM =12MHz
--
2.0
--
k
Ω
Open Drain Low Level Voltage
VOLoc VDD=3V, Isink =10mA
--
--
0.5
V
Low Level Input Voltage
VIL
--
--
0.3VDD
V
High Level Input Voltage
VIH
0.7VDD
--
--
V
Low Level Output Voltage,
VOL
VDD=3V, Isink=4mA
--
--
0.4
V
High Level Output Voltage
VOH
VDD=3V, ISOURCE=-4mA
VDD-0.5
--
--
V
Schmitt Trigger Positive Threshold
Vt+
VDD=3V
--
2.3
2.4
V
Schmitt Trigger Negative Threshold
Vt-
VDD=3V
0.6
0.9
--
V
Schmitt Trigger Input Resistance
RIN+/-
pull-up or pull-down
--
75
--
k
Ω
Reset Pin pull-up Resistance
RIN-UP
--
750
--
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com