Electronic Components Datasheet Search
  English  ▼

X  

SC3610 Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SC3610
Description  FREQUENCY AND CLOCK DISPLAY DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC3610 Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SC3610 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC3610 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC3610 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC3610 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC3610 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC3610 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC3610 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC3610 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC3610 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Silan
Semiconductors
SC3610
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
5
PAD DESCRIPTION
Pad
No.
Symbol
I/O
Description
1
VDD
--
Supply voltage
2 ~ 4
COM1 ~ COM3
OL
LCD common drive signal for driving LCD display
5 ~ 17
SEG0 ~ SEG12
OL
LCD segment drive signal for driving LCD display
18
OSCI
I
32.768 kHz crystal oscillator input pin
19
OSCO
O
32.768 kHz crystal oscillator output pin
20
VLCD
O
LCD Supply voltage. Connects a 0.1
µF capacitor between this pin and
VSS
21
RST
ISU
Active low power-on reset with pull-up resistor of approx.750k
Ω
22
TESTCLK
ISD
For testing use only with internal pull-down
23
TEST
ISD
When high, the chip will enter test mode
24
AL-ON/OFF
ISU
Alarm function on or off in toggle mode. Internal pull up input
25
AL-DISP
ISU
When pressed, will display the alarm time. Internal pull up input
26
MIN-SET
ISU
Minute setting for time and alarm(together with AL-DISP). Internal pull
up.
27
HR-SET
ISU
Hour setting for time and alarm(together with AL-DISP). Internal pull up.
28
NC
--
No connection
29
CLKFREQ-SEL
ISD
Clock or frequency display mode. Internal pull-down input. When low,
clock will be displayed. When high, radio frequency will be displayed.
30
VSS
--
Ground pin
31
AL-SIG
OD10
Open drain alarm signal output, active low.
32
AL-OUT
O4
Alarm output at 1kHz with 0.2 sec on and 0.2 sec off, push-pull output.
33
IF70k
ISD
Select IF offset in FM mode. H:70kHz, L:10.7kHz
34
NC
--
No connection
35
RANGE
ISU
For frequency counting mode only, Range = H or L, gate time = 0.1S
36
AM/FM-SEL
ISU
AM/FM mode selection. High for AM and low for FM, internal pull-up.
37
AVDD
--
Analog Supply voltage
38
AMIN
--
AM signal input, 0.3V peak to peak, 500kHz to 30MHz.
39
AVSS
--
Analog Ground pin.
40
FMIN
--
FM signal input, 0.3V peak to peak, 11-150MHz.
Note:
I
Oscillator Input Pad
O
Oscillator Output Pad
ISU
Schmitt trigger input pad with pull-up
OD10
Open Drain with 10mA output driving
ISD
Schmitt trigger input pad with pull-down
O4
Push-pull output pad with 4mA driving
OL
LCD segment and common output pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com