Electronic Components Datasheet Search
  English  ▼

X  

SC3610 Datasheet(PDF) 7 Page - Silan Microelectronics Joint-stock

Part # SC3610
Description  FREQUENCY AND CLOCK DISPLAY DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC3610 Datasheet(HTML) 7 Page - Silan Microelectronics Joint-stock

Back Button SC3610 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC3610 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC3610 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC3610 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC3610 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC3610 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC3610 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC3610 Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC3610 Datasheet HTML 11Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Silan
Semiconductors
SC3610
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
7
for more than 0.5 seconds will make the digit to be advanced at a rate of 2Hz.
5) ALARM FUNTION:
--
AL OUT output pin will output an alarm frequency of 1024Hz at 0.2 sec on and 0.2 sec off.
--
AL OUT pin canbeusedtodirect driveapiezo buzzer.
--
When alarm is active, AL OUT output can be disabled by pressing the [AL-ON/OFF] key or it will turn
off automatically after 3 minutes lapse.
--
AL-SIG pinis anopendrain output (active low). Once alarm is activated, AL-SIG canbedisabledby
pressing [AL-ON/OFF] key or it will turn off automatically after one hour time lapse.
--
When [AL DISP] is pressed, alarm setting time will be displayed on the LCD and the [AL] indicator will
be on.
--
The [AL-ON/OFF] pin will toggle the [
] indicator to turn on of off the alarm function. When the
indicator is on, alarm function is on.
6) 32.768kHz crystal is used for the reference frequency.
7) After Power-on-reset (RST):
--
[HR SET] and [MIN SET] keys will be disabled.
--
[AL-DISP] KEY,[AL-ON/OFF] KEY AND AL-SIG output will be enabled.
3. After POWER-ON-SET(RST):
--
When in clock mode, it will display and start at AM 7:00.
--
When in DTS frequency mode, if CLKFREQ-SEL = High, and FMIN &AMIN pins are grounded, all LCD
segments will be turned on(LCD test mode).
4. LCD pin configuration and 0 to 9 digits segments display configuration.
Pin
Function
LCD Mapping
1
COM1
COM1
--
--
2
COM2
--
COM2
--
3
COM3
--
--
COM3
4
SEG0
kHz
MHz
5
SEG1
AL
DIG1-c
DIG1-b
6
SEG2
DIG1-d
DIG1-g
DIG1-a
7
SEG3
DP1
DIG1-e
DIG1-f
8
SEG4
DP2
DIG2-c
DIG2-b
9
SEG5
DIG2-d
DIG2-g
DIG2-a
10
SEG6
:
DIG2-e
DIG2-f
(To be continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com