Electronic Components Datasheet Search
  English  ▼

X  

PST21A Datasheet(PDF) 4 Page - Power System Technology

Part # PST21A
Description  AC-DC 1200W Conduction cooled
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST21A Datasheet(HTML) 4 Page - Power System Technology

  PST21A Datasheet HTML 1Page - Power System Technology PST21A Datasheet HTML 2Page - Power System Technology PST21A Datasheet HTML 3Page - Power System Technology PST21A Datasheet HTML 4Page - Power System Technology PST21A Datasheet HTML 5Page - Power System Technology PST21A Datasheet HTML 6Page - Power System Technology PST21A Datasheet HTML 7Page - Power System Technology PST21A Datasheet HTML 8Page - Power System Technology PST21A Datasheet HTML 9Page - Power System Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Parallel opera�on & current share
PST21A
Page 4 of 13
www.powersystemtechnology.com
Redundant Systems Opera�on
Hold-up �me
The psu provides internal hold-up �me.
Output Current Limita�on
All outputs are con�nously protected against short-circuit by a constant
current limita�on (no foldback) with automa�c recovery. See Page 2 for
the value.
Thermal Considera�ons
When a converter is mounted in conduc�on cooled, the temperature
measured on the baseplate should not exeed 100°C.
When heatsink op�on is used in convec�on cooling and is opera�ng at
its nominal output power at the max. ambiant temperature, the tempe-
rature measured on the heatsink should not exceed 100°C.
Thermal protec�on
A temperature protec�on (OTP) is integrated in each output module,
disabling output when baseplate temperature exceeds 105°C (+/-5°C).
The converter automa�cally restarts, when the temperature drops be-
low 70°C . Nevertheless, exceeding the max opera�ng temperature may
cause failures of the converter.
Parrallel opera�on is possible in the same unit or between different
units for Miniboards, Maxiboards and Dual Maxiboards with ac�ve cur-
rent sharing through the PR signal. The outputs put in parallel MUST be
exactly the same, all OUT+ connected together and all OUT- connected
together when PR are linked (risk of damage otherwise) .
When systems require a very high level of reliability and should work
normally in the event of a failure, N+1 redundancy is implemented
where N is the number of converter to support power requirement. If
one converter fails, the remaining ones s�ll delivers the power to the
loads.
Redundant opera�on requires external oring diodes.
Overvoltage protec�on
An OVP is incorporated on each output. All outputs are cut if an OVP
is detected. This protec�on is latch style (Recovery a�er AC reset or
inhibit).
Input Power Break - PST21A-5300-48150-550-3V375
Inrush current at 115Vac - PST21A-5300-48150-550-3V375
Inrush current at 230Vac - PST21A-5300-48150-550-3V375
Remote On/Off (INHIB)
An isolated INHIB signal disables corresponding output voltage when
connected to RTN. - outputs inhibited : INH level LOW
Output Voltage Adjustment (ADJ)
Auxiliary Func�ons
Output can be ajusted 90-110%Vnom. with the poten�ometer at the
output side or by an external voltage 0,6 to 1,25V max. referred to
RTN.
20ms at 230Vac output 568W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com