Electronic Components Datasheet Search
  English  ▼

X  

PST21A Datasheet(PDF) 7 Page - Power System Technology

Part # PST21A
Description  AC-DC 1200W Conduction cooled
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST21A Datasheet(HTML) 7 Page - Power System Technology

Back Button PST21A Datasheet HTML 3Page - Power System Technology PST21A Datasheet HTML 4Page - Power System Technology PST21A Datasheet HTML 5Page - Power System Technology PST21A Datasheet HTML 6Page - Power System Technology PST21A Datasheet HTML 7Page - Power System Technology PST21A Datasheet HTML 8Page - Power System Technology PST21A Datasheet HTML 9Page - Power System Technology PST21A Datasheet HTML 10Page - Power System Technology PST21A Datasheet HTML 11Page - Power System Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
PST21A
Page 7 of 13
www.powersystemtechnology.com
Aluminum Natural
 



  
 


 !
"##!
$%&!
'"#
("!
!
$%&

" )"" )"
*%'+$,-
 ()"#
.+
/01#
!2//3/44
5!2//3/44
'6)!7  )"#")
* # ()"#
#")   ()"#$)" # 
 #  &") 
"))89:1""9"1 ;))9 
*")  99 ()"# < =
*
"99


(2+>$-$+-2

(2+>$-$6'"))(2+>$-$

!

2

3

/

2
%2

%
%?
2

3

/

2
%2

*
%
%?
2))
)#)!2))
Mechanical data
Weight : 1500g - without heatsink
Size : 255 x 127 x 40 mm
Immunity to Environmental Condi�ons
ĀȀ̀ЀԀ̀؀Ԁ
܀ࠀऀȀ਀଀ఀЀԀഀȀഀఀЀऀ
ĀȀ̀Ѐ̀Ԁ؀܀ࠀ
฀ഀༀ؀̀ȀഀఀЀऀ
܀ࠀऀȀ਀ကࠀȀᄀఀԀ
ĀȀ̀Ȁሀऀ
ጀ̀က᐀਀਀਀਀਀਀਀਀਀਀਀
ᔀࠀ̀Ȁ
ऀ਀଀̀ఀഀ฀̀ༀက؀ᄀ̀ሀጀ᐀ᔀᘀ̀Ā؀ᜀ᠀ᤀ
ᨀᬀ܀ᰀᴀᰀḀἂ Ԁ̀!"̀#؀$%"̀Ā&̀ᴀ'ἀࠀ
()Ḁᰀ᐀*̀+᠀,-"̀̀.ᬀᰀ/Ḁ̀Ḁ᐀̀܀00Ḁ
Āᄀఀ଀ᘀ
ऀ਀଀̀ఀഀ฀̀ༀက؀ᄀ̀ሀጀ᐀ᔀᘀĀက&ᘀԀ̀̀̀̀̀
̀̀̀̀
ᤀ؀Ȁ̀Ѐ̀ကༀ܀ࠀ̀1'/2̀ࠀᰀ30
()Ḁᰀ᐀*̀+᠀ऀ-"̀̀.ᬀᰀ/Ḁ̀Ḁ᐀̀܀00Ḁ
ऀ਀଀̀ఀഀ฀̀ༀက؀ᄀ̀ሀጀ᐀ᔀᘀ̀Āက#᠀Ā
#᠀ༀ؀ᨀ3̀+ᤀ"ༀ܀Ѐࠀ4-4Ѐᨀ3"̀*᐀*̀᐀)0ጀ'Ḁᰀ*Ȁ
()Ḁᰀ᐀*̀+᠀ऀ-"̀̀.ᬀᰀ/Ḁ̀Ḁ᐀̀܀00Ḁ
က&؀᠀Ā؀؀ᨀ3̀+؀"ကᜀĀ܀Ѐࠀ4-4Ѐᨀ3"̀*᐀*̀᐀)0ጀ'Ḁᰀ*Ȁ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com