Electronic Components Datasheet Search
  English  ▼

X  

PST21A Datasheet(PDF) 1 Page - Power System Technology

Part # PST21A
Description  AC-DC 1200W Conduction cooled
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST21A Datasheet(HTML) 1 Page - Power System Technology

  PST21A Datasheet HTML 1Page - Power System Technology PST21A Datasheet HTML 2Page - Power System Technology PST21A Datasheet HTML 3Page - Power System Technology PST21A Datasheet HTML 4Page - Power System Technology PST21A Datasheet HTML 5Page - Power System Technology PST21A Datasheet HTML 6Page - Power System Technology PST21A Datasheet HTML 7Page - Power System Technology PST21A Datasheet HTML 8Page - Power System Technology PST21A Datasheet HTML 9Page - Power System Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
4
85-264Vac or 120-350Vdc input voltage ranges
4
1-6 isolated outputs up to 1200W
4
255*127*40mm very low profile
4
Power Factor Correc�on EN61000-3-2
4
Ac�ve very low inrush limita�on
4
Surge and transient protec�on
4
Many output configura�ons available
4
Conduc�on cooled 100°C baseplate. No dera�ng.
Safety IEC/EN 60950-1, RoHS lead-free-solder compliant
The PST21A, very compact and low profile AC-DC power supply up to 1200W in chassis format, incorporates input filtering, input and output protections, very
robust mechanical mounting and connection, conformal coating and MIL-STD options required in most of the severe environment for industrial, defense appli-
cations. The psu provides high reliability thanks to the integration of Vicor Corp. modules, high efficiency, input-to-output isolation, soft start and
active very low
inrush circuit, overtemperature protection, input over/undervoltage lockout. The psu is configurable with 1 to 6 outputs in many output voltages from 2V to 54Vdc,
other outputs are even possible as semi-standard versions. They are countinuously short-circuit proof. The 100°C baseplate allows operation in high temperature
environment.
PST21A Standard product
AC-DC 1200W Conduc�on cooled
PST21A
Page 1 of 13
www.powersystemtechnology.com
RoHS
Features
Descrip�on
Bloc diagram
EMI
FILTERING
ACTIVE
INRUSH
CURRENT
LIMITING
+
PFC
380Vdc
1 x 600W
Maxi
Module
Aout1
85-264Vac
3 x 150W
Micro
Module
2 x 300W
Mini
Module
Aout1
Aout1
OR
OR
Aout2
Aout3
Aout2
POSITION A
1 x 600W
Maxi
Module
Bout1
3 x 150W
Micro
Module
2 x 300W
Mini
Module
Bout1
Bout1
OR
OR
Bout2
Bout3
Bout2
POSITION B


Similar Part No. - PST21A

ManufacturerPart #DatasheetDescription
logo
Power System Technology
PST21 PST-PST21 Datasheet
512Kb / 6P
Chassis mounting applications, low profile
More results

Similar Description - PST21A

ManufacturerPart #DatasheetDescription
logo
TECHNOLOGY ASSISTANCE B...
TDCP-800-12 TAB-TDCP-800-12 Datasheet
203Kb / 2P
CONDUCTION COOLED SWITCHING POWER SUPPLIES
logo
Power System Technology
PST14 PST-PST14 Datasheet
3Mb / 20P
DC-DC conduction cooled from 150W to several kWs
logo
Illinois Capacitor, Inc...
505HC6500K2EM8 ILLINOISCAPACITOR-505HC6500K2EM8 Datasheet
89Kb / 1P
Conduction Cooled(High Density Reasnot)
135HC6700K4TM6 ILLINOISCAPACITOR-135HC6700K4TM6 Datasheet
86Kb / 1P
Conduction Cooled (High Density Resonant)
265HC6600K2EM8 ILLINOISCAPACITOR-265HC6600K2EM8 Datasheet
90Kb / 1P
Conduction Cooled (High Density Resonant)
334HC6102K2EM8 ILLINOISCAPACITOR-334HC6102K2EM8 Datasheet
89Kb / 1P
Conduction Cooled (High Density Resonant)
334HC6102K4TM6 ILLINOISCAPACITOR-334HC6102K4TM6 Datasheet
91Kb / 1P
Conduction Cooled (High Density Resonant)
504HC6800K2EM8 ILLINOISCAPACITOR-504HC6800K2EM8 Datasheet
89Kb / 1P
Conduction Cooled (High Density Resonant)
504HC6800K4TM6 ILLINOISCAPACITOR-504HC6800K4TM6 Datasheet
91Kb / 1P
Conduction Cooled (High Density Resonant)
664HC6800K2EM8 ILLINOISCAPACITOR-664HC6800K2EM8 Datasheet
90Kb / 1P
Conduction Cooled (High Density Resonant)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com