Electronic Components Datasheet Search
  English  ▼

X  

PST21A Datasheet(PDF) 9 Page - Power System Technology

Part # PST21A
Description  AC-DC 1200W Conduction cooled
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST21A Datasheet(HTML) 9 Page - Power System Technology

Back Button PST21A Datasheet HTML 5Page - Power System Technology PST21A Datasheet HTML 6Page - Power System Technology PST21A Datasheet HTML 7Page - Power System Technology PST21A Datasheet HTML 8Page - Power System Technology PST21A Datasheet HTML 9Page - Power System Technology PST21A Datasheet HTML 10Page - Power System Technology PST21A Datasheet HTML 11Page - Power System Technology PST21A Datasheet HTML 12Page - Power System Technology PST21A Datasheet HTML 13Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
PST21A
Page 9 of 13
www.powersystemtechnology.com
Validation du plan
28/04/15
28/04/15
28/04/15
J. Dousson
J. Dousson
T.Liger
Fait par / Prepared by
Verifie par / Verified by
Ind / Rev :
Echelle
/ Scale:
Planche / Sheet :
Plan / Draw :
CREATION
Description de la modification / Description of modification
00
IND/REV:
Titre :
Title :
Power System Technology
ZA La Paillerie
61340 Berd'huis
Tel : 02 33 83 94 94
Fax : 02 33 83 94 95
E-mail:sales@powersystemtechnology.com
Copyright Power System Technology
Ce document est la propriete de Power System Technology et ne peut être ni reproduit,ni communiqué
à des tiers sans l'accord écrit d'une personne dûment mandatée par ladite société.
approvel of on sold company.
This document is property of Power System Technology.It may not copied or show to anyone without prior
c
00
1/1
PST21A PLAN 20
1/1
PST21A - Encombrement PST21A-IP
28/04/15
INPUT
OUTPUT
J1
J2
330mm
3.5mm
6 MOUNTING HOLES DIAMETER: 4.2mm
PST21A - IP op�on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com