Electronic Components Datasheet Search
  English  ▼

X  

PST21A Datasheet(PDF) 12 Page - Power System Technology

Part # PST21A
Description  AC-DC 1200W Conduction cooled
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST21A Datasheet(HTML) 12 Page - Power System Technology

Back Button PST21A Datasheet HTML 5Page - Power System Technology PST21A Datasheet HTML 6Page - Power System Technology PST21A Datasheet HTML 7Page - Power System Technology PST21A Datasheet HTML 8Page - Power System Technology PST21A Datasheet HTML 9Page - Power System Technology PST21A Datasheet HTML 10Page - Power System Technology PST21A Datasheet HTML 11Page - Power System Technology PST21A Datasheet HTML 12Page - Power System Technology PST21A Datasheet HTML 13Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
PST21A
Page 12 of 13
www.powersystemtechnology.com
Op�ons and configura�ons
1
Position A
INPUT
STAGE
PST21A
2
3
1
2
1
For Microboard
For Miniboard
For Maxiboard
1
Position B
2
3
1
2
1
For Microboard
For Miniboard
For Maxiboard
VIN
PST21A
µ
µ
µ
µ
µ
µ
Op�on
H
H1
IP
M
T
V
H : Heatsink
longitunal fins
H1 : Heatsink
transversal fins
IP : IP65 enclosure
M : Ruggedized
T : -40°C
V : Conformal coa�ng
µ
µ
µ
m
m
µ
µ
µ
M
m
m
m
m
m
m
M
M
M
AOUT1 AOUT2 AOUT3
BOUT1 BOUT2 BOUT3
BOUT1
BOUT2
AOUT1 AOUT2 AOUT3
AOUT1 AOUT2 AOUT3
AOUT1
AOUT2
BOUT1
BOUT2
AOUT1
AOUT2
BOUT1
BOUT1
AOUT1
BOUT1
2M
AOUT1
1
For Dual Maxiboard
1
For Dual Maxiboard



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com